Electronic Components Datasheet Search
  English  ▼

X  

AT24HC02B Datasheet(PDF) 12 Page - ATMEL Corporation

Part # AT24HC02B
Description  Utilizes Different Array Protection Compared
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button AT24HC02B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B Datasheet HTML 9Page - ATMEL Corporation AT24HC02B Datasheet HTML 10Page - ATMEL Corporation AT24HC02B Datasheet HTML 11Page - ATMEL Corporation AT24HC02B Datasheet HTML 12Page - ATMEL Corporation AT24HC02B Datasheet HTML 13Page - ATMEL Corporation AT24HC02B Datasheet HTML 14Page - ATMEL Corporation AT24HC02B Datasheet HTML 15Page - ATMEL Corporation AT24HC02B Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
AT24HC02B
5134A–SEEPR–9/05
Notes:
1. For 2.7V devices used in the 4.5V to 5.5V range, please refer to performance values in the AC and DC characteristics table.
2. “U” designates Green Package + RoHS compliant
3. Available in waffle pack and wafer form; order as SL788 for inkless wafer form. Bumped die available upon request. Please
contact Serial EEPROM Marketing.
AT24HC02B Ordering Information(1)
Ordering Code
Package
Operation Range
AT24HC02B-10PU-1.8(2)
AT24HC02BN-10SU-1.8(2)
AT24HC02B-10TU-1.8(2)
8P3
8S1
8A2
Lead-free/Halogen-free/
Industrial Temperature
(
−40°C to 85°C)
AT24HC02B-W1.8-11(3)
Die Sale
Industrial Temperature
(
−40°C to 85°C)
Package Type
8P3
8-pin, 0.300" Wide, Plastic Dual Inline Package (PDIP)
8S1
8-lead, 0.150" Wide, Plastic Gull Wing Small Outline (JEDEC SOIC)
8A2
8-lead, 4.4 mm Body, Plastic Thin Shrink Small Outline Package (TSSOP)
Options
−1.8
Low Voltage (1.8V to 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com