Electronic Components Datasheet Search
  English  ▼

X  

3273378 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3273378
Description  Distribution block - PTFIX 6/18X2,5 RD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273378 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3273378 Datasheet HTML 1Page - PHOENIX CONTACT 3273378 Datasheet HTML 2Page - PHOENIX CONTACT 3273378 Datasheet HTML 3Page - PHOENIX CONTACT 3273378 Datasheet HTML 4Page - PHOENIX CONTACT 3273378 Datasheet HTML 5Page - PHOENIX CONTACT 3273378 Datasheet HTML 6Page - PHOENIX CONTACT 3273378 Datasheet HTML 7Page - PHOENIX CONTACT 3273378 Datasheet HTML 8Page - PHOENIX CONTACT 3273378 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
Distribution block, the blocks can be bridged with one another via the conductor shaft, for
corresponding plug-in bridges, see accessories, Basic terminal block with supply, nom. voltage:
450 V, nominal current: 24 A, connection method: Push-in connection, Load contact, cross
section: 0.14 mm2 - 4 mm2, Push-in connection, Line contact, Rated cross section: 6 mm2, cross
section: 0.5 mm2 - 10 mm2, mounting type: for snapping onto a DIN rail adapter, Direct mounting
with flange, Free-hanging, color: red
Your advantages
Flexible use, thanks to DIN rail mounting, direct mounting or adhesive mounting
•
Clear wiring, thanks to eleven different color variants
•
Time-saving conductor connection, thanks to tool-free Push-in direct connection technology
•
Time savings of up to 80%, thanks to ready-to-mount blocks without manual bridging
•
Space savings of up to 50% on the DIN rail, thanks to transverse mounting
•
Distribution block - PTFIX 6/18X2,5 RD
3273378
https://www.phoenixcontact.com/us/products/3273378
Jun 2, 2022, 7:14 AM
Page 1 (32)


Similar Part No. - 3273378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273370 PHOENIX-3273370 Datasheet
253Kb / 10P
PTFIX 6/12X2,5 OG - Distribution block
3273374 PHOENIX-3273374 Datasheet
712Kb / 32P
Distribution block - PTFIX 6/18X2,5 GY
May 13, 2022
3273376 PHOENIX-3273376 Datasheet
255Kb / 10P
PTFIX 6/18X2,5 BU - Distribution block
More results

Similar Description - 3273378

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3273114 PHOENIX-3273114 Datasheet
907Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35 RD
May 13, 2022
3274148 PHOENIX-3274148 Datasheet
168Kb / 14P
Distribution block - PTFIX 18X2,5-NS15A RD
09/12/2020
3273048 PHOENIX-3273048 Datasheet
854Kb / 36P
Distribution block - PTFIX 18X2,5-NS35 RD
Jun 7, 2022
3273246 PHOENIX-3273246 Datasheet
910Kb / 38P
Distribution block - PTFIX 6/18X2,5-NS35A RD
Jun 2, 2022
3273180 PHOENIX-3273180 Datasheet
906Kb / 38P
Distribution block - PTFIX 18X2,5-NS35A RD
Jun 2, 2022
3273508 PHOENIX-3273508 Datasheet
625Kb / 29P
Distribution block - PTFIX 6/18X2,5-G RD
Jun 15, 2022
3273442 PHOENIX-3273442 Datasheet
621Kb / 27P
Distribution block - PTFIX 18X2,5-G RD
Jun 15, 2022
3274214 PHOENIX-3274214 Datasheet
918Kb / 39P
Distribution block - PTFIX 6/18X2,5-NS15A RD
Jun 22, 2022
1019615 PHOENIX-1019615 Datasheet
476Kb / 19P
Distribution block - PTVFIX 6/18X2,5 RD
Jul 29, 2022
3273312 PHOENIX-3273312 Datasheet
706Kb / 30P
Distribution block - PTFIX 18X2,5 RD
Jul 21, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com