Electronic Components Datasheet Search
  English  ▼

X  

3273378 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 3273378
Description  Distribution block - PTFIX 6/18X2,5 RD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3273378 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 3273378 Datasheet HTML 17Page - PHOENIX CONTACT 3273378 Datasheet HTML 18Page - PHOENIX CONTACT 3273378 Datasheet HTML 19Page - PHOENIX CONTACT 3273378 Datasheet HTML 20Page - PHOENIX CONTACT 3273378 Datasheet HTML 21Page - PHOENIX CONTACT 3273378 Datasheet HTML 22Page - PHOENIX CONTACT 3273378 Datasheet HTML 23Page - PHOENIX CONTACT 3273378 Datasheet HTML 24Page - PHOENIX CONTACT 3273378 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Marker card
Marker card - SK 2,8 REEL P5,2 WH CUS - 8199986
https://www.phoenixcontact.com/us/products/8199986
Marker card, can be ordered: by card, white, labeled according to customer
specifications, mounting type: adhesive, for terminal block width: 5.2 mm,
lettering field size: continuous x 2.8 mm
Marker card
Marker card - SK 3,8 REEL P5,2 WH CUS - 8199989
https://www.phoenixcontact.com/us/products/8199989
Marker card, can be ordered: by card, white, labeled according to customer
specifications, mounting type: adhesive, for terminal block width: 5.2 mm,
lettering field size: continuous x 3.8 mm
Distribution block - PTFIX 6/18X2,5 RD
3273378
https://www.phoenixcontact.com/us/products/3273378
Jun 2, 2022, 7:14 AM
Page 21 (32)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com