Electronic Components Datasheet Search
  English  ▼

X  

ICSLV810 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # ICSLV810
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button ICSLV810 Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 9Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 10Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 11Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
11
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
Package Outline and Package Dimensions (20-pin SSOP, 209 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as
those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICSLV810RI
ICSLV810RI
Tubes
20-pin QSOP
-40 to +85
° C
ICSLV810RIT
ICSLV810RI
Tape and Reel
20-pin QSOP
-40 to +85
° C
ICSLV810FI
ICSLV810FI
Tubes
20-pin SSOP
-40 to +85
° C
ICSLV810FIT
ICSLV810FI
Tape and Reel
20-pin SSOP
-40 to +85
° C
ICSLV810RILF
LV810RILF
Tubes
20-pin QSOP
-40 to +85
° C
ICSLV810RILFT
LV810RILF
Tape and Reel
20-pin QSOP
-40 to +85
° C
ICSLV810FILF
LV810FILF
Tubes
20-pin SSOP
-40 to +85
° C
ICSLV810FILFT
LV810FILF
Tape and Reel
20-pin SSOP
-40 to +85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A
1
A
A
2
e
- C -
b
.10 (.004)
C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A
—
2.00
—
.079
A1
0.05
—
.002
—
A2
1.65
1.85
.065
.073
b
0.22
0.38
0.009
0.015
c
0.09
0.25
.0035
.010
D
6.907.50.271
.295
E
7.408.20.291
.323
E1
5.00
5.60
.197
.220
e
0.65 Basic
0.0256 Basic
L
0.550.95.022
.037
α
0
°
8
°
0
°
8
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com