Electronic Components Datasheet Search
  English  ▼

X  

ICSLV810RI Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICSLV810RI
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810RI Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICSLV810RI Datasheet HTML 1Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 2Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 3Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
2
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
Pin Assignment
Pin Descriptions
20 pin (150mil) SSOP
CLKIN
GND
CLK 1
VDDA
CLK 2
GND
CLK 3
CLK 4
VDDA
GND
GND
GND
VDDB
VDDC
CLK 5
CLK 6
CLK 7
CLK 8
CLK 9
CLK 10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
Pin
Number
Pin
Name
Pin
Type
Pin Description
1
CLKIN
Input
Clock input.
2
GND
Power
Connect to ground.
3
CLK1
Output
Clock output.
4
VDDA
Power
Connect to +1.5 - +2.5 V.
5
CLK2
Output
Clock output.
6
GND
Power
Connect to ground.
7
CLK3
Output
Clock output.
8
VDDA
Power
Connect to +1.5 - +2.5 V.
9
CLK4
Output
Clock output.
10
GND
Power
Connect to ground.
11
CLK5
Output
Clock output.
12
CLK6
Output
Clock output.
13
GND
Power
Connect to ground.
14
CLK7
Output
Clock output.
15
VDDC
Power
Connect to +1.5 - 2.5 V.
16
CLK8
Output
Clock output.
17
GND
Power
Connect to ground.
18
CLK9
Output
Clock output.
19
CLK10
Output
Clock output.
20
VDDB
Power
Connect to +1.5 - 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com