Electronic Components Datasheet Search
  English  ▼

X  

ICSLV810RI Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICSLV810RI
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810RI Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICSLV810RI Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 9Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 10Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 11Page - Integrated Circuit Systems ICSLV810RI Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
8
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
AC Electrical Characteristics—Bank C
VDDC = 2.5 V, Ambient Temperature -40
° C to +85° C, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Output Skew: skew between
outputs of same package
tSK(0)CL = 3 pF, RL = 500
Ω
Figure 3
-200
200
ps
Pulse Skew: skew between
opposite transitions of same
output (tPLH-tPHL)
tSK(P)
CL = 3 pF, RL = 500
Ω
Figure 4
-200
200
ps
Propagation Delay
tpLH / tpHL
CL = 3 pF, RL = 500
Ω,
VDDC = 1.5 V
Figure 2
5.5
ns
CL = 3 pF, RL = 500
Ω,
VDDC = 2.5 V
Figure 2
1.5
2.6
3.5
ns
Part to Part Skew
CL = 3 pF, RL = 500
Ω
VDDC = 1.5 V
Figure 5
-1
1
ns
CL = 3 pF, RL = 500
Ω
VDDC = 2.5 V
Figure 5
-650
650
ps
Output Rise Time
20% to 80%
tr(o)
CL = 3 pF, RL = 500
Ω
VDDC = 1.5 V
1.0
ns
CL = 3 pF, RL = 500
Ω
VDDC = 2.5 V
0.8
ns
Output Fall Time
80% to 20%
tf(o)
CL = 3 pF, RL = 500
Ω
VDDC = 1.5 V
1.0
ns
CL = 3 pF, RL = 500
Ω
VDDC = 2.5 V
0.8
ns
Additive Jitter
tJ
All Outputs,
VDDC = 1.5 V
34
ps
All Outputs,
VDDC = 2.5 V
50
ps
Duty Cycle
Measured at VDD/2
DC
CL = 3 pF,
RL = 500
Ω
45
55
%
Duty Cycle, VDDC=1.8V
DC
40
50
60
%
Output Frequency Range
1
133
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com