Electronic Components Datasheet Search
  English  ▼

X  

R6000F Datasheet(PDF) 4 Page - Rectron Semiconductor

Part # R6000F
Description  olts CURRENT 0.2 Ampere VOLTAGE RANGE 6000 V HIGH VOLTAGE FAST RECOVER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R6000F Datasheet(HTML) 4 Page - Rectron Semiconductor

  R6000F Datasheet HTML 1Page - Rectron Semiconductor R6000F Datasheet HTML 2Page - Rectron Semiconductor R6000F Datasheet HTML 3Page - Rectron Semiconductor R6000F Datasheet HTML 4Page - Rectron Semiconductor R6000F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PACKAGING OF DIODE AND BRIDGE RECTIFIERS
AMMO PACK
PACKAGE PACKING
CODE
REEL
( EA )
COMPONENT
SPACE(mm)
(mm)
(mm)
TAPE SPACE BOX SIZE
CARTON
SIZE(mm)
CARTON
( EA )
GROSS
WEIGHT (Kg)
DO-15
-F
1,500
5.0
52
255*73*100 400*268*225
15,000
8.8
BULK PACK
PACKAGE
DO-15
EA PER BOX INNER BOX SIZE
(mm)
CARTON SIZE
(mm)
EA PER CARTON
GROSS
WEIGHT(Kg)
500
194*84*21
415*220*255
25,000
12.74
PACKING CODE
-B
REEL PACK
PACKAGE
GROSS
WEIGHT(Kg)
EA PER
REEL
COMPONENT
SPACE
TAPE SPACE
(mm)
CARTON SIZE
(mm)
(mm)
EA PER
CARTON
REEL DIA
DO-15
4,000
5.0
52
330
355*350*335
16,000
10.05
-T
PACKING
CODE
(mm)
EA PER
BOX
4,000
INNER



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com