Electronic Components Datasheet Search
  English  ▼

X  

R6000F Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # R6000F
Description  olts CURRENT 0.2 Ampere VOLTAGE RANGE 6000 V HIGH VOLTAGE FAST RECOVER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

R6000F Datasheet(HTML) 1 Page - Rectron Semiconductor

  R6000F Datasheet HTML 1Page - Rectron Semiconductor R6000F Datasheet HTML 2Page - Rectron Semiconductor R6000F Datasheet HTML 3Page - Rectron Semiconductor R6000F Datasheet HTML 4Page - Rectron Semiconductor R6000F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
olts CURRENT 0.2 Ampere
FEATURES
* Low cost
* Low leakage
* Low forward voltage drop
* High current capability
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
ELECTRICAL CHARACTERISTICS (At TA = 25oC unless otherwise noted)
R6000F
MAXIMUM RATINGS (At TA = 25oC unless otherwise noted)
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
MECHANICALDATA
* Case: Molded plastic
* Epoxy: Device has UL flammability classification 94V-O
* Lead: MIL-STD-202E method 208C guaranteed
* Mounting position: Any
* Weight: 0.40 gram
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
at TA = 50oC
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
mAmps
200
30
-55 to + 150
Amps
pF
0
C
UNITS
R6000F
6000
4200
6000
30
at Rated DC Blocking Voltage
CHARACTERISTICS
Maximum Full Load Reverse Current Average, Full Cycle
VF
SYMBOL
IR
UNITS
5.0
uAmps
Maximum DC Reverse Current
Maximum Instantaneous Forward Voltage at 0.2A DC
Volts
@TA = 25oC
@TA =100oC
6.5
50
.375”, (9.5mm) lead length at TL = 75oC
R6000F
30
uAmps
2. “R OHS compliant”
Typical Thermal Resistance
0
C/W
RθJA
RθJL
30
65
VOLTAGE RANGE 6000 V
3. Available in Halogen-free epoxy by adding suffix -HF after the part nbr.
HIGH VOLTAGE FAST
RECOVER RECTIFIER
Typical Current Square Time
A2/Sec
I2t
3.7
2021-06
REV:A
DO-15
Dimensions in inches and (millimeters)
1.0 (25.4)
MIN.
.230 (5.8)
.300 (7.6)
1.0 (25.4)
MIN.
.140 (3.6)
.104 (2.6)
DIA.
.035 (0.88)
.027 (0.68)DIA.


Similar Part No. - R6000F

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
R6000F MCC-R6000F Datasheet
67Kb / 3P
0.2mA Fast Recovery High Voltage Rectifier 3500 - 6000 Volts
logo
Shenzhen Luguang Electr...
R6000F LUGUANG-R6000F Datasheet
2Mb / 3P
0.2A Fast Recovery High Voltage Rectifier
More results

Similar Description - R6000F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R1200 RECTRON-R1200 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R1200F RECTRON-R1200F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 1200 to 2000 Volts CURRENT 0.2 to 0.5 Ampere)
R2500 RECTRON-R2500 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
KMD80S RECTRON-KMD80S Datasheet
585Kb / 4P
SCHOTTKY BARRIER BRIDGE RECTIFIER VOLTAGE RANGE 80 TO 20 0 V olts CURRENT 1.0 Ampere
R2500 RECTRON-R2500_10 Datasheet
413Kb / 5P
HIGH VOLTAGE SILICON RECTIFIER Volts CURRENT 0.2 Ampere
FM3500W RECTRON-FM3500W Datasheet
128Kb / 6P
HIGH VOLTAGE RECTIFIER VOLTAGE RANGE 1200 to 3500 Volts CURRENT 0.2 to 0.5 Ampere
R2000H RECTRON-R2000H Datasheet
468Kb / 5P
HIGH VOLTAGE FAST RECOVERY RECTIFIER VOLTAGE RANGE 2000 Volts CURRENT 0.5 Ampere
R5000G RECTRON-R5000G Datasheet
138Kb / 5P
SURFACE MOUNT GLASS PASSIVATED HIGH VOLTAGE SILICON RECTIFIER olts CURRENT 0.2 Ampere
HFM2000W RECTRON-HFM2000W Datasheet
140Kb / 5P
HIGH VOLTAGE VOLTAGE RANGE 2000 V olts CURRENT 0.5 Ampere HIGH EFFICIENCY RECTIFIER
2020-04/25 REV:O
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com