Electronic Components Datasheet Search
  English  ▼

X  

AP0332CG Datasheet(PDF) 2 Page - Supertex, Inc

Part # AP0332CG
Description  8 P-Channel Latchable Power MOSFET Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AP0332CG Datasheet(HTML) 2 Page - Supertex, Inc

  AP0332CG Datasheet HTML 1Page - Supertex, Inc AP0332CG Datasheet HTML 2Page - Supertex, Inc AP0332CG Datasheet HTML 3Page - Supertex, Inc AP0332CG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-6
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
IO(OFF)
Off-State Output Current
-8.0
nA
VO = max. rating,
8 outputs connected in parallel
IO(ON)
On-State Output Current
-15
mA
VO = 25V
R
O(ON)
On-State Output Resistance
700
Ω
I
O = -10mA
∆RO(ON)
Change in R
O(ON) with High Temperature
0.8
%/°CIO = -10mA
IDDQ
Quiescent Logic Supply Current
0.05
16.5
µA
V
IL
Input Low Voltage
3.5
V
V
IH
Input High Voltage
12
V
IIN
Input Current
1.0
µA
Note:
1. All voltages are referenced to V
SS.
Electrical Characteristics (@ 25°C and V
DD = 12V unless otherwise specified)
DC Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Fig. 1*
Conditions
tD(ON)
Turn-On Delay Time
800
ns
1a
t
D(OFF)
Turn-Off Delay Time
800
ns
1b
t
r
Rise Time
200
ns
10
tf
Fall Time
200
ns
11
t
PHL, tPLH
Propagation Delay Time
87
ns
2
V
O = 25V, IO = -10mA
from Write Disable to Output
t
PHL, tPLH
Propagation Delay Time
87
ns
3
from Set to Output
t
PHL, tPLH
Propagation Delay Time
107
ns
9
from Address to Output
t
W
Minimum Pulse Width – Data
50
100
ns
4
tW
Minimum Pulse Width – Address
100
200
ns
8
tW
Minimum Pulse Width – Set
40
75
ns
5
t
S
Setup Time – Data to Write Disable
50
ns
6
tH
Hold Time – Data to Write Disable
75
ns
7
CIN
Input capacitance – Any Input
5.0
7.5
pF
*Refer to circled numbers on Timing Diagram (Figure 1).
Note:
1. All voltages are referenced to V
SS.
AC Characteristics
AP0332
– OBSOLETE
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com