Electronic Components Datasheet Search
  English  ▼

X  

AP0332CG Datasheet(PDF) 3 Page - Supertex, Inc

Part # AP0332CG
Description  8 P-Channel Latchable Power MOSFET Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

AP0332CG Datasheet(HTML) 3 Page - Supertex, Inc

  AP0332CG Datasheet HTML 1Page - Supertex, Inc AP0332CG Datasheet HTML 2Page - Supertex, Inc AP0332CG Datasheet HTML 3Page - Supertex, Inc AP0332CG Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
9-7
9
Symbol
Parameter
V
DD
Min
Max
Unit
V
DD
Logic supply voltage
10.0
13.2
V
VO
Output Voltage referenced to VDD
0
-320
V
VIH
Input High Voltage
12V
VDD - 2
VDD
V
V
IL
Input Low Voltage
12V
0
2.0
V
TA
Operating Free-Air Temperature
0
70
°C
Note:
1. All voltages are referenced to V
SS.
A0, A1, A2
5
6
7
8
9
1a
11
10
1b
2
3
4
Write Disable
Data
Set
tW
tP
tP
tR
tW
tP
tf
td(ON)
td(OFF)
tH
tS
tW
Q0 ON
Q0 OFF
Q7 ON
Q7 OFF
Recommended Operating Conditions
(For maximum reliability, nominal operating conditons should be selected so that operation is always within the following ranges.)
AP0332
Data
Write Disable
Set
Addressed Output
Unaddressed Outputs
HL
L
Off
Holdspriv.
L
On
HH
L
Holdspriv.
Holdspriv.
L
HL
H
Off
Off
L
On
HHH
Off
Off
L
Mode Selection
Timing Diagram
Figure 1
– OBSOLETE
–



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com