Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 14 Page - Analog Devices

Part # LTM2883
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 14 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 10Page - Analog Devices LTM2883 Datasheet HTML 11Page - Analog Devices LTM2883 Datasheet HTML 12Page - Analog Devices LTM2883 Datasheet HTML 13Page - Analog Devices LTM2883 Datasheet HTML 14Page - Analog Devices LTM2883 Datasheet HTML 15Page - Analog Devices LTM2883 Datasheet HTML 16Page - Analog Devices LTM2883 Datasheet HTML 17Page - Analog Devices LTM2883 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTM2810
14
Rev. A
For more information www.analog.com
TEST CIRCUIT
Figure 3. I2C Timing Measurements
Figure 4. ONx Enable/Disable Time
tPHL
tPLH
tF
tR
30%
½VL
70%
70%
30%
VOL
VL
SDA
SDA2
CL
VL
VOL
VOH
0V
SDA
SDA2
VL
RL
2810 F03
½VL2
tPHL
tPLH
tF
tR
30%
½VL2
70%
70%
30%
½VL
VL2
0V
SDA2
SDA
SDA
CL
VL
RL
SDA2
2810 F04
ON
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL
VL
VOH
VOL
0V
0V
VL
DOx
DOx
ON
½VL
½VL
DOx
VL OR 0V
Ix
CL
RL
ON2
tPZH
tPZL
tPHZ
tPLZ
VOL + 0.5V
VOH – 0.5V
½VL2
VL2
VOH
VOL
0V
0V
VL2
Ox
Ox
ON2
½VL2
½VL2
DIx
Ox
CL
VL2 OR 0V
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com