Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 28 Page - Analog Devices

Part # LTM2883
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 28 Page - Analog Devices

Back Button LTM2883 Datasheet HTML 22Page - Analog Devices LTM2883 Datasheet HTML 23Page - Analog Devices LTM2883 Datasheet HTML 24Page - Analog Devices LTM2883 Datasheet HTML 25Page - Analog Devices LTM2883 Datasheet HTML 26Page - Analog Devices LTM2883 Datasheet HTML 27Page - Analog Devices LTM2883 Datasheet HTML 28Page - Analog Devices LTM2883 Datasheet HTML 29Page - Analog Devices LTM2883 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
LTM2810
28
Rev. A
For more information www.analog.com
PACKAGE DESCRIPTION
PACKAGE TOP VIEW
4
PIN “A1”
CORNER
Y
X
aaa Z
aaa Z
BGA Package
36-Lead (22mm
× 6.25mm × 2.06mm)
(Reference LTC DWG# 05-08-1588 Rev Ø)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JESD MS-028 AND JEP95
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
DETAIL A
Øb (36 PLACES)
A
DETAIL B
PACKAGE SIDE VIEW
M
X Y
Z
ddd
M Z
eee
A2
D
E
SUGGESTED PCB LAYOUT
TOP VIEW
0.00
9.375
10.375
10.375
9.375
10.075
10.675
0.50 ±0.025 Ø 36x
BGA 36 0817 REV Ø
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
LTMXXXXXX
µModule
PACKAGE BOTTOM VIEW
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
DETAIL A
3
SEE NOTES
PIN 1
e
e
F
G
b
8.375
8.375
6
SEE NOTES
b
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
1.81
0.40
1.41
0.50
0.47
0.46
0.95
NOM
2.06
0.50
1.56
0.60
0.50
22.0
6.25
1.0
20.75
5.0
0.56
1.00
MAX
2.31
0.60
1.71
0.70
0.53
0.66
1.05
0.15
0.10
0.15
0.15
0.08
TOTAL NUMBER OF BALLS: 36
DIMENSIONS
NOTES
BALL HT
BALL DIMENSION
PAD DIMENSION
SUBSTRATE THK
MOLD CAP HT
DETAIL B
SUBSTRATE
A1
ccc Z
H2
H1
b1
MOLD
CAP
5. PRIMARY DATUM -Z- IS SEATING PLANE
6
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com