Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 16 Page - Analog Devices

Part # LTM2886
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 12Page - Analog Devices LTM2886 Datasheet HTML 13Page - Analog Devices LTM2886 Datasheet HTML 14Page - Analog Devices LTM2886 Datasheet HTML 15Page - Analog Devices LTM2886 Datasheet HTML 16Page - Analog Devices LTM2886 Datasheet HTML 17Page - Analog Devices LTM2886 Datasheet HTML 18Page - Analog Devices LTM2886 Datasheet HTML 19Page - Analog Devices LTM2886 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
LTM2810
16
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
With VIN driven, the VL2 output may be adjusted from the
nominal 5V by connecting a voltage divider to the AVL2
pin as shown in Figure 5. Select the voltage divider ratio
so that the AVL2 voltage is 0.6V. The value of R1 should
be no greater than 13kΩ to minimize errors in the output
voltage caused by the adjust pin bias current and internal
voltage divider.
There is no interdependency between VCC, VL, and PVCC.
Theymaysimultaneouslyoperateatanyvoltagewithintheir
specified operating ranges and may sequence in any order.
VL is bypassed internally with a 1µF ceramic capacitor and
VL2 is bypassed internally by a 6.6µF ceramic capacitor.
Hot Plugging Safely
Caution must be exercised in applications where power is
plugged into the LTM2810’s power supplies, VCC, PVCC,
VL,orVL2duetotheintegratedceramicdecouplingcapaci-
tors. The parasitic cable inductance along with the high-Q
characteristicsofceramiccapacitorscancausesubstantial
ringing which could exceed the maximum voltage ratings
and damage the LTM2810. Refer to Application Note 88,
entitled Ceramic Input Capacitors Can Cause Overvoltage
Transients for a detailed discussion and mitigation of this
phenomenon.
Isolation Transformer
Because of the wide voltage range for VIN, there are many
optionsfortheisolationtransformerandrectifiertopology.
The selected transformer should meet the application’s
isolationrequirements,haveaminimumvolt-secondrating
greater than 0.5 • PVCC µVS and a current rating sufficient
for the LTM2810’s IVINplusanyapplicationload.Different
winding configurations and turns ratios allow the accom-
modation of different input or isolated output voltages as
illustrated by Figures 14 to 18.
Channel Timing Uncertainty
Multiplechannelsaresupportedacrosstheisolationbound-
arybyencodinganddecodingoftheinputsandoutputs.Up
to three signals in each direction are assembled as serial
packets and transferred across the isolation barrier. The
time required to transfer all three bits is 100ns maximum,
and sets the limit for how often a signal can change on the
opposite side of the barrier. Encoding and transmission is
independent for each data direction. The technique used
assignsDI1(-S)orSCL(-I)onthelogicside,andI1(-Sor-I)
on the isolated side, the highest priority such that there
is no jitter on the associated output channels, only delay.
This preemptive scheme will produce a certain amount of
uncertainty on the other isolation channels. The resulting
pulse width uncertainty on these low priority channels is
typically ±6ns, but may vary up to ±44ns if the low priority
channels are not encoded within the same high priority
serial packet.
Serial Peripheral Interface (SPI) Bus
The LTM2810-S provides an SPI compatible isolated
interface. The maximum data rate is a function of the
inherent channel propagation delays, channel to channel
pulse width uncertainty, and data direction requirements.
Channel timing is detailed in Figures 6 through 9, Table 2,
and Table 3. The SPI protocol supports four unique timing
configurations defined by the clock polarity (CPOL) and
clock phase (CPHA) summarized in Table 1.
Table 1. SPI Mode
CPOL
CPHA
DATA TO (CLOCK) RELATIONSHIP
0
0
Sample (Rising)
Setup (Falling)
0
1
Setup (Rising)
Sample (Falling)
1
0
Sample (Falling)
Setup (Rising)
1
1
Setup (Falling)
Sample (Rising)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com