Electronic Components Datasheet Search
  English  ▼

X  

LTM2886 Datasheet(PDF) 22 Page - Analog Devices

Part # LTM2886
Description  7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2886 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTM2886 Datasheet HTML 18Page - Analog Devices LTM2886 Datasheet HTML 19Page - Analog Devices LTM2886 Datasheet HTML 20Page - Analog Devices LTM2886 Datasheet HTML 21Page - Analog Devices LTM2886 Datasheet HTML 22Page - Analog Devices LTM2886 Datasheet HTML 23Page - Analog Devices LTM2886 Datasheet HTML 24Page - Analog Devices LTM2886 Datasheet HTML 25Page - Analog Devices LTM2886 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LTM2810
22
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
Inter-IC Communication (I2C) Bus
The LTM2810-I provides an isolated I2C compatible inter-
face supporting master mode only, with a unidirectional
clock (SCL), and bidirectional data (SDA). The maximum
data rate is 400kHz which supports fast-mode I2C. Timing
is detailed in Figure 10. The data rate is limited by the slave
acknowledge setup time (tSU;ACK), consisting of the I2C
standardminimumsetuptime(tSU;DAT)of100ns,maximum
clock propagation delay of 225ns, glitch filter and isolated
data delay of 500ns maximum, and the combined isolated
and logic data fall time of 300ns at maximum bus load-
ing. The total setup time reduces the I2C data hold time
(tHD;DAT) to a maximum of 175ns, guaranteeing sufficient
data setup time (tSU;ACK).
The isolated side bidirectional serial data pin, SDA2,
simplified schematic is shown in Figure 11. An internal
1.8mA current source provides a pull-up for SDA2. Do not
connect any other pull-up device to SDA2. This current
source is sufficient to satisfy the system requirements
for bus capacitances greater than 200pF in fast mode and
greater than 400pF in standard mode.
Additional proprietary circuitry monitors the slew rate on
the SDA and SDA2 signals to manage directional control
across the isolation barrier. Slew rates on both pins must
be greater than 1V/μs for proper operation.
Figure 10. I2C Timing Diagram
Figure 11. Isolated SDA2 Pin Schematic
2810 F10
tPROP
tSU;DAT
SDA
SDA2
SCL
SCL2
tHD;DAT
tSU;ACK
STOP
START
SLAVE ACK
9
8
1
2810 F11
SDA2
1.8mA
GLITCH
FILTER
TO LOGIC SIDE
FROM LOGIC SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com