Electronic Components Datasheet Search
  English  ▼

X  

MAS9128A Datasheet(PDF) 5 Page - Micronas

Part # MAS9128A
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128A Datasheet(HTML) 5 Page - Micronas

  MAS9128A Datasheet HTML 1Page - Micronas MAS9128A Datasheet HTML 2Page - Micronas MAS9128A Datasheet HTML 3Page - Micronas MAS9128A Datasheet HTML 4Page - Micronas MAS9128A Datasheet HTML 5Page - Micronas MAS9128A Datasheet HTML 6Page - Micronas MAS9128A Datasheet HTML 7Page - Micronas MAS9128A Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DA9128A.002
July 12, 1998
5
AVI8UDPIT
-
x
Tˆƒƒy’ÃW‚y‡htrÃW‚y‡htrÃSrtˆyh‡‚…†
The device is supplied with 3.1V to 6.5V battery
voltage under normal conditions. An internal band
gap voltage reference is used to generate the
reference voltage for all three voltage regulators.
The reference voltage is routed via an internal
20kOhm Resistor to an external pin where a filter
capacitor can be connected in order to reduce the
noise level of all three regulators. The startup time
of the reference voltage is then determined by the
value of the bypass capacitor at pin VREF.
x
@hiyrÃQv†
Each regulator can be enabled/disabled by the two
enable pins ENA and ENBC. Pin ENA controls
regulator LDO_A and pin ENBC controls both
regulators LDO_B and LDO_C. If both enable pins
are forced low, the internal voltage reference and
internal bias source are turned off in order to save
power. A common enable for all three regulator
outputs
is
designed,
but
connected
to
VDD
internally for the SOIC8 version of MAS9128A.
x
Srtˆyh‡‚…†
The device contains three 2.85V low dropout
CMOS regulators with maximum output currents of
100mA, 70mA and 50mA. There is a mask option
to modify the output voltage to 2.55V, 2.70V,
2.85V, 3.00V or 3.15V. The IC has thermal
protection in order to prevent thermal destruction
especially at high ambient temperatures. Maximum
output current of each regulator is limited by an
internal
circuitry.
The regulation loop of
the
regulators is optimized to work with low ESR
ceramic buffer capacitors at the output.
G‚tvpÇhiyrÃs‚…Ã@hiyrÃvƒˆ‡†
@I6
@I78
G9Pf6
G9Pf7
G9Pf8
WS@A
1
1
ON
ON
ON
ON
1
0
ON
OFF
OFF
ON
0
1
OFF
ON
ON
ON
0
0
OFF
OFF
OFF
OFF
6QQGD86UDPIÃDIAPSH6UDPI
0$6$
WS@A
PVU8
PVU7
PVU6
A
W88
BI9
@I6
@I78
‚ss
‚
ˆA
ˆA
ˆA
!'$W
!'$W
!'$W
ˆA
WDIÃ" W%$W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com