Electronic Components Datasheet Search
  English  ▼

X  

MAS9128A Datasheet(PDF) 6 Page - Micronas

Part # MAS9128A
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128A Datasheet(HTML) 6 Page - Micronas

  MAS9128A Datasheet HTML 1Page - Micronas MAS9128A Datasheet HTML 2Page - Micronas MAS9128A Datasheet HTML 3Page - Micronas MAS9128A Datasheet HTML 4Page - Micronas MAS9128A Datasheet HTML 5Page - Micronas MAS9128A Datasheet HTML 6Page - Micronas MAS9128A Datasheet HTML 7Page - Micronas MAS9128A Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DA9128A.002
July 12, 1998
6
Q68F6B@ÃPVUGDI@TÃ6I9ÃS@8PHH@I9@9ÃG6I9ÃQ6UU@SI
SEATING
PLANE
4.80
5.00
PIN1
0.50 x 45°
0.40
1.27
8 LEADSOOUTLINE
ALL MEASUREMENTSINmm
1.27
BSC
0.33
0.51
0° - 8°
0.25 x 45°
PIN1
1.27
0.71
PAD LAYOUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com