Electronic Components Datasheet Search
  English  ▼

X  

HV320 Datasheet(PDF) 2 Page - Supertex, Inc

Part # HV320
Description  Accurate, Re-Settable Electronic Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV320 Datasheet(HTML) 2 Page - Supertex, Inc

  HV320 Datasheet HTML 1Page - Supertex, Inc HV320 Datasheet HTML 2Page - Supertex, Inc HV320 Datasheet HTML 3Page - Supertex, Inc HV320 Datasheet HTML 4Page - Supertex, Inc HV320 Datasheet HTML 5Page - Supertex, Inc HV320 Datasheet HTML 6Page - Supertex, Inc HV320 Datasheet HTML 7Page - Supertex, Inc HV320 Datasheet HTML 8Page - Supertex, Inc HV320 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
HV320
2
Electrical Characteristics (-10 • V
EE • -90V, -40°C • T • +85°C unless otherwise noted)
AC Characteristics
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Supply (Referenced to Vin Pin)
Vee
Supply Voltage
-90
-10
V
Iee
Supply Current
400
450
µA
V
EE = -48V
OV and UV Control (Referenced to V
EE pin)
V
UVH
UV High Threshold
1.26
V
Low to High Transition
V
UVL
UV Low Threshold
1.16
V
High to Low Transition
V
UVHY
UV Hysteresis
100
mV
I
UV
UV Input Current
1.0
nA
Vuv = V
EE + 1.9V @ 25° C
V
OVH
OV High Threshold
1.26
V
Low to High Transition
V
OVL
OV Low Threshold
1.16
V
High to Low Transition
V
OVHY
OV Hysteresis
100
mV
I
OV
OV Input Current
1.0
nA
V
OV = VEE + 0.5V @ 25° C
Circuit Breaker (V
UV = VEE + 1.9V, VOV = VEE + 0.5V, External MOSFET is IRFFR120N)
V
SENSE-CB
Circuit Breaker Threshold Voltage
80
100
120
mV
Referenced to V
EE pin @ 25°
C
t
CBTRIP
Circuit Breaker Delay Time
2.0
5.0
µs
May be extended by
external RC circuit
I
SENSE-CB
1.0
nA
V
SENSE-CB = 100mV @ 25° C
IRFB4710 and IRFFR120 are registered trademarks of International Rectifier.
Raychem and PolySwitch are registered trademarks of Tyco International.
Ordering Information
Package Option
DEVICE
8 Pin SO
HV320
HV320LG
Absolute Maximum Ratings*
Vee referenced to Vin pin
+0.3V to -100V
V
UV and VOV referenced to Vee Voltage
-0.3V to +12V
Operating Ambient Temperature
-40°C to +85°C
Operating Junction Temperature
-40°C to +125°C
Storage Temperature Range
-65°C to +150°C
*Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not
implied. Continuous operation of the devide at the absolute rating level may
affect device reliability. All voltages are referenced to device ground.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com