Electronic Components Datasheet Search
  English  ▼

X  

HV320 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV320
Description  Accurate, Re-Settable Electronic Circuit Breaker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV320 Datasheet(HTML) 4 Page - Supertex, Inc

  HV320 Datasheet HTML 1Page - Supertex, Inc HV320 Datasheet HTML 2Page - Supertex, Inc HV320 Datasheet HTML 3Page - Supertex, Inc HV320 Datasheet HTML 4Page - Supertex, Inc HV320 Datasheet HTML 5Page - Supertex, Inc HV320 Datasheet HTML 6Page - Supertex, Inc HV320 Datasheet HTML 7Page - Supertex, Inc HV320 Datasheet HTML 8Page - Supertex, Inc HV320 Datasheet HTML 9Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HV320
4
Functional Block Diagram
+
UV
Vee
-
Gate
100mV
+
Vin
buffer
Vbg
+
UVLO
-
-
Regulator
& POR
Logic
Sense
OV
Functional Description
HV320 as a fuse and circuit breaker replacement:
Telecom, data networks, automotive, industrial controls
and some computer applications require the ability to
isolate the power source from a load fault without having
to
physically
replace
a
fuse
or
manually
reset
a
mechanical circuit breaker. Traditionally a fast acting fuse
or Positive Temperature Coefficient (PTC) device such as
Raychem’s PolySwitch or a manual / thermal circuit
breaker have been used to limit the fault current.
The problems with PTCs are numerous. First, they are
extremely temperature dependent. For
example the
required trip current can vary as high as 150% of nominal
value at lower temperatures such as –40
°C and as low as
50% of nominal value at higher temperatures such as
+85
°C.
Second, the ratio of trip current to steady state current can
range from 7 to 70. This implies for an application where
steady state current is 4A, traces must be over designed
to withstand the trip current of 100A, a ratio of 25:1. Third,
PTC’s once tripped, require 20 seconds to minutes to
reset and even when they are reset, the resistance value
can permanently change as much as 240%. This implies
PTC’s
are
not
suitable
for
repeated
short
circuit
applications. Lastly the surface mount PTCs typically have
large end cap terminations that absorb heat during the
reflow process and can result in insufficient solder and
cold solder joints. It is not uncommon for PCB surface
contaminations to be present, thus resulting in poor
solderability, hence loss of yield.
Typically, fuses are rated in Amp^2-seconds. For a SMT
1206 size fast-acting 2A, 63V fuse rated at 0.23 A - square
second, it could take more than 200A for 5
µs before the
fusing element melts.
HV320 is an ideal alternative to thermal and manual circuit
breakers in DC input applications. It has wide variety of
uses in the automotive industry, such as PCB trace /
device protection and DC motors and solenoid actuator
current limit protection. These devices are typically used in
windows and seat adjustment operations as well as
automatic trunk opening mechanisms. Since these
devices are operated manually, they can remain energized
by the operator even after the mechanical lever has
reached its end of travel. In this case, back EMF that
normally opposes the supply voltage will drop to zero and
a large current surge can begin to flow. HV320 can
accurately be programmed to trip the current. In industrial
applications, HV320 can offer broad solutions in DC
solenoid-operated
valves,
DC
motors
and
other
electromagnetic loads.
Fault current magnitude can be scaled to different current
ratings by proper selection of the sense resistor and the
external
N-Channel
MOSFET.
For
higher
current
applications, IGBT devices may be considered. The
HV320 is intended to provide this circuit breaker function
on supply rails in the range of
−10 to −90 Volts.
Description of Operation
During initial application of power, a unique proprietary
circuit holds off the external MOSFET, preventing an input
glitch while an internal regulator establishes an internal
operating voltage of approximately 10V. Until the proper
internal voltage is achieved, all circuits are held reset and
the gate to source voltage of the external MOSFET is
clamped low. Once the internal under voltage lock out



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com