Electronic Components Datasheet Search
  English  ▼

X  

ALD1721 Datasheet(PDF) 3 Page - ADL Embedded Solutions

Part # ALD1721
Description  PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1721 Datasheet(HTML) 3 Page - ADL Embedded Solutions

  ALD1721 Datasheet HTML 1Page - ADL Embedded Solutions ALD1721 Datasheet HTML 2Page - ADL Embedded Solutions ALD1721 Datasheet HTML 3Page - ADL Embedded Solutions ALD1721 Datasheet HTML 4Page - ADL Embedded Solutions ALD1721 Datasheet HTML 5Page - ADL Embedded Solutions ALD1721 Datasheet HTML 6Page - ADL Embedded Solutions ALD1721 Datasheet HTML 7Page - ADL Embedded Solutions ALD1721 Datasheet HTML 8Page - ADL Embedded Solutions ALD1721 Datasheet HTML 9Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ALD1721/ALD1721G
Advanced Linear Devices
3 of 9
Input
CIN
11
pF
Capacitance
Bandwidth
BW
400
700
400
700
KHz
Slew Rate
SR
0.33
0.7
0.33
0.7
V/
µsAV = +1
RL = 100KΩ
Rise time
t r
0.2
0.2
µsRL = 100KΩ
Overshoot
20
20
%
RL =100KΩ
Factor
CL = 50pF
Settling Time
t s
10.0
10.0
µs
0.1%
AV = -1RL=100KΩ
CL = 50pF
1721
1721G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Power Supply
PSRR
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
83
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
250
250
V/mV
RL =100KΩ
Voltage Gain
Output Voltage
VO low
-4.98
-4.90
-4.98
-4.90
V
RL =100KΩ
Range
VO high
4.90
4.98
4.90
4.98
V
Bandwidth
BW
1.0
1.0
MHz
Slew Rate
SR
1.0
1.0
V/
µsAV = +1
CL = 50pF
1721
1721G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
1721
1721G
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
VS = ±2.5V -55°C ≤ TA ≤ +125°C unless otherwise specified
Input Offset
VOS
1.0
2.0
mV
RS ≤ 100KΩ
Voltage
Input Offset
IOS
2.0
2.0
nA
Current
Input Bias
IB
2.0
2.0
nA
Current
Power Supply
PSRR
60
75
60
75
dB
RS ≤ 100KΩ
Rejection Ratio
Common Mode
CMRR
60
83
60
83
dB
RS ≤ 100KΩ
Rejection Ratio
Large Signal
AV
15
50
15
50
V/ mV
RL = 100KΩ
Voltage Gain
Output Voltage
VO low
-2.47
-2.40
-2.47
-2.40
V
Range
VO high
2.35
2.45
2.35
2.45
V
RL = 100KΩ
TA = 25°C VS = ±5.0V unless otherwise specified
TA = 25°C VS = ±2.5V unless otherwise specified (cont'd)
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com