Electronic Components Datasheet Search
  English  ▼

X  

ALD1721 Datasheet(PDF) 4 Page - ADL Embedded Solutions

Part # ALD1721
Description  PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ALD1721 Datasheet(HTML) 4 Page - ADL Embedded Solutions

  ALD1721 Datasheet HTML 1Page - ADL Embedded Solutions ALD1721 Datasheet HTML 2Page - ADL Embedded Solutions ALD1721 Datasheet HTML 3Page - ADL Embedded Solutions ALD1721 Datasheet HTML 4Page - ADL Embedded Solutions ALD1721 Datasheet HTML 5Page - ADL Embedded Solutions ALD1721 Datasheet HTML 6Page - ADL Embedded Solutions ALD1721 Datasheet HTML 7Page - ADL Embedded Solutions ALD1721 Datasheet HTML 8Page - ADL Embedded Solutions ALD1721 Datasheet HTML 9Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ALD1721/ALD1721G
Advanced Linear Devices
4 of 9
Design & Operating Notes:
1. The ALD1721/ALD1721G CMOS operational amplifier uses a 3 gain
stage architecture and an improved frequency compensation
scheme to achieve large voltage gain, high output driving capability,
and better frequency stability. The ALD1721/ALD1721G is internally
compensated for unity gain stability. This compensation produces a
clean single pole roll off in the gain characteristics while providing for
more than 70 degrees of phase margin at the unity gain frequency,
reducing or eliminating low levels of oscillation or ringing with many
types of loading conditions.
2. The ALD1721/ALD1721G has complementary p-channel and n-
channel input differential stages connected in parallel to accomplish
rail to rail input common mode voltage range. With different ranges
of common mode input voltage, one or both of the two differential
stages is active. The transition between the two input stages takes
place at about 1.5V below the positive supply voltage. Input offset
voltage trimming on the ALD1721/ALD1721G is made when the
input voltage is symmetrical to the supply voltages, this internal
transition switching does not affect a variety of applications such as
an inverting amplifier or non-inverting amplifier with a gain larger
than 2.5 (5V operation), where the common mode voltage does not
make excursions above this switching point. If the operational
amplifier is connected as a unity gain buffer, and full input and/or
output rail to rail range is used, then provision should be made to
allow for slight input offset voltage variations. Likewise the output
has push-pull(source-sink) output stages working in tandem to
provide full (see note 4) rail to rail output. In addition, the source and
sink currents are designed to provide symmetrical drives to the load.
3. The input bias and offset currents are essentially input protection
diode reverse bias leakage currents, and are typically less than
0.01pA at room temperature. This low input bias current assures
that the analog signal from the source will not be distorted by input
bias currents. Normally, this extremely high input impedance of
greater than 1014
Ω would be limited by the source impedance which
would limit the node impedance. However, for applications where
source impedance is also very high, it may be necessary to limit
noise and hum pickup through proper ground shielding.
4. The output stage consists of class AB complementary output drivers,
capable of driving a low resistance load to either supply rail. The
output voltage swing is limited by the drain to source on-resistance
of the output transistors as determined by the bias circuitry, and the
value of the load resistor. When connected in the voltage follower
configuration, the oscillation resistant feature, combined with the rail
to rail input and output feature, makes an effective analog signal
buffer for medium to high source impedance sensors, transducers,
and other circuit networks.
5. The ALD1721/ALD1721G operational amplifier has been designed
to provide static discharge protection. Internally, the design has
been carefully implemented to minimize latch up. However, care
must be exercised when handling the device to avoid strong static
fields that may degrade a diode junction, causing increased input
leakage currents. The user is advised to power up the circuit before,
or simultaneously with any input voltages applied, and to limit input
voltages not to exceed 0.3V of the power supply voltage levels at all
times, including during power up and power down cycles.
6. The ALD1721/ALD1721G, with its micropower operation, offers
benefits in reduced power supply requirements, less noise coupling
and current spikes, less thermally induced drift, better overall reli-
ability due to lower self heating, and lower input bias current. It
requires practically no warm up time as the chip junction heats up to
0.1
°C or less above ambient temperature under most operating
conditions.
7. The ALD1721/ALD1721G has an internal design architecture that
provides robust high temperature operation. Contact factory for
custom screening versions.
TYPICAL PERFORMANCE CHARACTERISTICS
OPEN LOOP VOLTAGE GAIN AS A
FUNCTION OF LOAD RESISTANCE
10M
LOAD RESISTANCE (
Ω)
10K
100K
1M
1000
100
10
1
VS = ±2.5V
TA = 25°C
COMMON MODE INPUT VOLTAGE RANGE
AS A FUNCTION OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
±7
±6
±5
±4
±3
±2
±1
0
0
±1
±2
±3
±4
±5
±6
±7
TA = 25°C
SUPPLY CURRENT AS A FUNCTION
OF SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
500
400
200
300
0
100
0
±1
±2
±3
±4
±5
±6
TA = -55°C
+25
°C
+70
°C
+125
°C
INPUTS GROUNDED
OUTPUT UNLOADED
-25
°C
INPUT BIAS CURRENT AS A FUNCTION
OF AMBIENT TEMPERATURE
AMBIENT TEMPERATURE (
°C)
100
10
1.0
0.01
0.1
100
-25
0
75
125
50
25
-50
1000
VS = ±2.5V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com