Electronic Components Datasheet Search
  English  ▼

X  

MAX5073 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5073
Description  2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5073 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5073 Datasheet HTML 1Page - Maxim Integrated Products MAX5073 Datasheet HTML 2Page - Maxim Integrated Products MAX5073 Datasheet HTML 3Page - Maxim Integrated Products MAX5073 Datasheet HTML 4Page - Maxim Integrated Products MAX5073 Datasheet HTML 5Page - Maxim Integrated Products MAX5073 Datasheet HTML 6Page - Maxim Integrated Products MAX5073 Datasheet HTML 7Page - Maxim Integrated Products MAX5073 Datasheet HTML 8Page - Maxim Integrated Products MAX5073 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2.2MHz, Dual-Output Buck or Boost Converter
with Internal Power MOSFETs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(V+ = VL = 5.2V or V+ = 5.5V to 23V, EN_ = VL, SYNC = GND, IVL = 0mA, PGND = SGND, CBYPASS = 0.22µF, CVL = 4.7µF (ceram-
ic), ROSC = 10k
Ω (circuit of Figure 1), TA = TJ = TMIN to TMAX, unless otherwise noted.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to PGND............................................................-0.3V to +25V
SGND to PGND .....................................................-0.3V to +0.3V
VL to SGND...................-0.3V to the lower of +6V or (V+ + 0.3V)
BST1/VDD1, BST2/VDD2, DRAIN_, PGOOD2, PGOOD1 to
SGND .................................................................-0.3V to +30V
BST1/VDD1 to SOURCE1,
BST2/VDD2 to SOURCE2 ....................................-0.3V to +6V
SOURCE_ to SGND................................................-0.6V to +25V
EN_ to SGND .............................................-0.3V to (VL to +0.3V)
CLKOUT, BYPASS, OSC, COMP1,
COMP2, SYNC, FB_ to SGND ..................-0.3V to (VL + 0.3V)
SOURCE1, DRAIN1 Peak Current ..............................5A for 1ms
SOURCE2, DRAIN2 Peak Current ..............................3A for 1ms
VL, BYPASS to SGND Short Circuit............................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin Thin QFN (derate 21.3mW/°C above +70°C).....2758mW*
Package Junction-to-Case Thermal Resistance (
θJC).......2°C/W
Operating Temperature Ranges:
MAX5073ETI (TMIN to TMAX)............................-40°C to +85°C
MAX5073ATI (TMIN to TMAX) .........................-40°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
*As per JEDEC51 standard.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM SPECIFICATIONS
(Note 2)
5.5
23.0
Input Voltage Range
V+
VL = V+
4.5
5.5
V
Operating Supply Current
IQ
VL unloaded, no switching, VFB_ = 1V, V+ =
12V, ROSC = 60k
2.2
4
mA
EN_ = 0, PGOOD_ floating, V+ = 12V,
ROSC = 60k
Ω (MAX5073ETI)
0.6
1.2
V+ Standby Supply Current
ISTBY
EN_ = 0, PGOOD_ floating, V+ = 12V,
ROSC = 60k
Ω (MAX5073ATI)
0.6
1.4
mA
V+ = VL = 5V
82
V+ = 12V
80
Efficiency
η
VOUT1 = 3.3V at 1.5A,
VOUT2 = 2.5V at 0.75A
(fSW = 1.25MHz)
V+ = 16V
78
%
STARTUP/VL REGULATOR
VL Undervoltage Lockout Trip
Level
UVLO
VL falling
3.95
4.1
4.25
V
VL Undervoltage Lockout
Hysteresis
175
mV
VL Output Voltage
VL
V+ = 5.5V to 23V, ISOURCE = 0 to 40mA
4.9
5.2
5.5
V
BYPASS OUTPUT
IBYPASS = 0, ROSC = 60k
Ω (MAX5073ETI)
1.98
2.00
2.02
BYPASS Voltage
VBYPASS
IBYPASS = 0, ROSC = 60k
Ω (MAX5073ATI)
1.975
2.00
2.025
V
BYPASS Load Regulation
∆VBYPASS 0 ≤ IBYPASS ≤ 50µA, ROSC = 60kΩ
0
2
10
mV
SOFT-START
Digital Ramp Period
Internal 6-bit DAC
2048
fOSC
clock
cycles
Soft-Start Steps
64
steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com