Electronic Components Datasheet Search
  English  ▼

X  

MAX5073 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX5073
Description  2.2MHz, Dual-Output Buck or Boost Converter with Internal Power MOSFETs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5073 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX5073 Datasheet HTML 17Page - Maxim Integrated Products MAX5073 Datasheet HTML 18Page - Maxim Integrated Products MAX5073 Datasheet HTML 19Page - Maxim Integrated Products MAX5073 Datasheet HTML 20Page - Maxim Integrated Products MAX5073 Datasheet HTML 21Page - Maxim Integrated Products MAX5073 Datasheet HTML 22Page - Maxim Integrated Products MAX5073 Datasheet HTML 23Page - Maxim Integrated Products MAX5073 Datasheet HTML 24Page - Maxim Integrated Products MAX5073 Datasheet HTML 25Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
2.2MHz, Dual-Output Buck or Boost Converter
with Internal Power MOSFETs
______________________________________________________________________________________
21
Boost Converter Compensation
The boost converter compensation gets complicated
due to the presence of a right-half-plane zero fZERO,RHP.
The right-half-plane zero causes a drop in-phase while
adding positive (+1) slope to the gain curve. It is impor-
tant to drop the gain significantly below unity before the
RHP frequency. Use the following procedure to calcu-
late the compensation components.
1) Calculate the LC double-pole frequency, FLC, and
the right half plane zero frequency.
where:
Target the unity-gain crossover frequency for:
2) Place a zero
at 0.75 x fLC.
where RF
≥ 10kΩ.
C
fR
F
LC
F
=
××
×
1
20 75
π
.
()
f
RC
Z
FF
1
1
2
=
××
π
f
f
C
ZERO RHP
,
5
D
V
V
R
V
I
IN
OUT
MIN
OUT
OUT MAX
=−
=
1
()
()
f
D
LC
f
DR
L
LC
OUT OUT
ZERO RHP
MIN
OUT
=
×
=
×
1
2
1
2
2
π
π
,
()
()
VL
CLOCK
OUT
OUTPUT2
OUTPUT1
3.3V/2A
VL
INPUT
SYSTEM
CLOCK
INPUT
OUTPUT2
12V/0.2A
28
27
26
25
24
23
22
8
9
10
11
12
13
14
15
16
17
18
19
20
21
7
6
5
4
3
2
1
BST2/VDD2
CLKOUT
DRAIN2
DRAIN2
EN2
ON
OFF
FB2
COMP2
SOURCE2 PGND
PGND
SGND
SGND
PGOOD2
SOURCE1
PGOOD1
BST1/VDD1
DRAIN1
DRAIN1
EN1
FB1
COMP1
BYPASS
VL
VL
V+
OSC
N.C.
SYNC
ON
*CONNECT PGND AND SGND TOGETHER AT ONE POINT NEAR
THE RETURN TERMINALS OF THE V+ AND VL BYPASS CAPACITORS.
OFF
PGOOD2
PGOOD1
OUTPUT1
MAX5073
SGND
EP
Figure 8. Buck-Boost Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com