Electronic Components Datasheet Search
  English  ▼

X  

2736686 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2736686
Description  Primary-Switched Power Supply for Supplying AS-Interface Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2736686 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2736686 Datasheet HTML 1Page - PHOENIX CONTACT 2736686 Datasheet HTML 2Page - PHOENIX CONTACT 2736686 Datasheet HTML 3Page - PHOENIX CONTACT 2736686 Datasheet HTML 4Page - PHOENIX CONTACT 2736686 Datasheet HTML 5Page - PHOENIX CONTACT 2736686 Datasheet HTML 6Page - PHOENIX CONTACT 2736686 Datasheet HTML 7Page - PHOENIX CONTACT 2736686 Datasheet HTML 8Page - PHOENIX CONTACT 2736686 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
102045_01_en
1
ASI QUINT 100-240/2.4 EFD
01/2005
Data Sheet
Short Description
One Cable – Two Functions
AS-Interface (AS-i) enables maximum control
potential with its simplified installation technique.
Information and power supply are transmitted at the
same time via a two-wire cable to minimize connection
points.
AS-i power supply units use an integrated filter to
ensure that the modulated data flow is not affected.
In addition to this, the short-circuit and idling-proof
voltage output provides a current reserve of
approximately 60%. This means that even loads with
high inrush currents can be started safely.
Safety Through Automatic Ground Fault Detection
If two ground faults occur in an AS-i system, this can
cause an unauthorized machine startup or mean that
the machine can no longer be stopped.
To prevent this from happening, AS-i power supply
units from Phoenix Contact indicate the first ground
fault as it occurs. The message is indicated by the
LEDs on the device and reported via an output.
In the default configuration, the signal of the message
output can be used to stop the system via the control
program or the PLC.
There is also the option of configuring the AS-i power
supply unit so that the AS-i power is switched off
automatically when a ground fault is detected.
This prevents potential danger to operating personnel
and machines/systems before it happens.
Global Use
The wide range input, which can be used to operate
the AS-i power supply units from Phoenix Contact with
all popular single-phase AC and DC networks,
provides the starting point for global use.
Integrated Harmonic Filter
EN 61000-3-2 came into force on January 1, 2001.
As from this date, all primary-switched power supplies
that are directly connected to the public low-voltage
network must be equipped with a harmonic filter to
suppress the supply of high-frequency reverse
currents in the power supply company network.
All AS-i power supply units from Phoenix Contact are
equipped with an active PFC filter (Power Factor
Correction). In addition to the filter function, this
feature provides mains buffering of more than 20 ms
over the entire input voltage range.
Wide Range of Applications
The ASI QUINT 100-240/2.4 EFD power supply unit
meets the noise immunity and noise emission
requirements of EN 55022 Class B. The device can
therefore be used universally in harsh industrial
environments as well as in commercial and domestic
environments, which are susceptible to interference.
Primary-Switched Power Supply for
Supplying AS-Interface Systems


Similar Part No. - 2736686

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2736686 PHOENIX-2736686 Datasheet
252Kb / 13P
ASI QUINT 100-240/2.4 EFD
More results

Similar Description - 2736686

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
SLA8.100 PULS-SLA8.100 Datasheet
252Kb / 4P
AS-Interface Power Supply
SLA4.100 PULS-SLA4.100 Datasheet
237Kb / 4P
AS-Interface Power Supply
SLA3.100 PULS-SLA3.100 Datasheet
363Kb / 4P
AS-Interface Power Supply
logo
PHOENIX CONTACT
102051 PHOENIX-102051 Datasheet
265Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
102053 PHOENIX-102053 Datasheet
251Kb / 8P
Power Supply Unit, Primary Switched, Narrow Design
103986 PHOENIX-103986 Datasheet
362Kb / 11P
Primary-switched power supply for building automation
07/2009
102044 PHOENIX-102044 Datasheet
236Kb / 13P
Primary-Switched Power Supply for Supplying AS-Interface Systems
01/2005
logo
Pepperl+Fuchs Inc.
VAN-24DC-K28 PF-VAN-24DC-K28 Datasheet
307Kb / 3P
AS-Interface power supply
2019-08-21
VAN-G4-PE-4A PF-VAN-G4-PE-4A Datasheet
250Kb / 2P
AS-Interface power supply
2019-08-23
VAN-KE2-2PE PF-VAN-KE2-2PE Datasheet
220Kb / 2P
AS-Interface power supply
2019-08-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com