Electronic Components Datasheet Search
  English  ▼

X  

2736686 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2736686
Description  Primary-Switched Power Supply for Supplying AS-Interface Systems
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2736686 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2736686 Datasheet HTML 1Page - PHOENIX CONTACT 2736686 Datasheet HTML 2Page - PHOENIX CONTACT 2736686 Datasheet HTML 3Page - PHOENIX CONTACT 2736686 Datasheet HTML 4Page - PHOENIX CONTACT 2736686 Datasheet HTML 5Page - PHOENIX CONTACT 2736686 Datasheet HTML 6Page - PHOENIX CONTACT 2736686 Datasheet HTML 7Page - PHOENIX CONTACT 2736686 Datasheet HTML 8Page - PHOENIX CONTACT 2736686 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ASI QUINT 100-240/2.4 EFD
2
102045_01_en
Technical Data
Input Data
Nominal input voltage (wide-range input)
100 V AC - 240 V AC
Input voltage range
85 V AC - 264 V AC/90 V AC - 350 V DC
Frequency
45 Hz - 65 Hz/0 Hz
Current consumption (for nominal values)
1.2 A (120 V AC)/0.5 A (230 V AC), approximately
Inrush current limiting/I2t (+25°C [+77°F])
< 15 A/< 2.2 A2s, typical
Mains buffering for a nominal load (typical)
> 20 ms (120 V AC)/> 80 ms (230 V AC)
Switch-on time after applying the mains voltage
< 0.5 s
Transient surge protection
Varistor
Input fuse, internal (device protection)
5 AT
Recommended backup fuse
Circuit breaker
Characteristic (EN 60898)
6 A/10 A/16 A
B
Discharge current for PE
< 3.5 mA
Output Data
Nominal output voltage UN/tolerance
30.1 V DC/±1.5%
Output current during convection cooling:
POWER BOOST IBOOST
-25°C to +40°C (-13°F to +104°F)
Nominal output current IN
-25°C to +60°C (-13°F to +140°F)
3 A
(Uout = 30.1 V DC)
2.4 A
(Uout = 30.1 V DC)
Derating
from +60°C (+140°F)
2.5%/K
Short-circuit current limit
IBOOST, approximately ≈ 3 A
Startup of unlimited capacitive loads
Yes
Maximum power dissipation
No load/nominal load,
approximately
3 W/11 W
Efficiency
(for 230 V AC and nominal values)
> 86%
Residual ripple/switching peaks
(0 - 10 kHz/10 - 500 kHz)
< 100 mVSS/< 50 mVSS
Internal surge protection
Yes, < 35 V DC
Resistance to return supply
35 V DC
Signal Output Data
EFD (floating: ground fault detected
= contact open)
≤ 30 V AC/DC; ≤ 1 A
EFD (ground fault detected
= LED flashes)
Red LED
LED DC OK (Uout < 0.9 x UN = LED flashes)
Green LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com