Electronic Components Datasheet Search
  English  ▼

X  

AMT10 Datasheet(PDF) 2 Page - CUI INC

Part # AMT10
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10 Datasheet(HTML) 2 Page - CUI INC

  AMT10 Datasheet HTML 1Page - CUI INC AMT10 Datasheet HTML 2Page - CUI INC AMT10 Datasheet HTML 3Page - CUI INC AMT10 Datasheet HTML 4Page - CUI INC AMT10 Datasheet HTML 5Page - CUI INC AMT10 Datasheet HTML 6Page - CUI INC AMT10 Datasheet HTML 7Page - CUI INC AMT10 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
cuidevices.com
date 08/04/2021
│ page 2 of 8
CUI Devices
│ SERIES: AMT10 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
WAVEFORMS
X
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
motor shaft tolerance
NOM +0/-0.015
mm
weight
AMT102
AMT103
20.5
14.0
g
g
axial play
±0.3
mm
rotational speed (at each
resolution)
192, 384, 400, 500, 800, 1000, 1024, 2048
7500
RPM
48, 96, 100, 125, 200, 250, 256, 512
15000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
100
°C
humidity
non-condensing
95
%
vibration
20~500 Hz, 1 hour on each XYZ
10
G
shock
11 ms, ±XYZ direction
50
G
RoHS
2011/65/EU
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
Parameter
Description
Expression
Units
Notes
PPR
resolution
Pulses Per Revolution
This is the user selected value and the
format all resolutions are listed in
CPR
counts
PPR x 4
Counts Per Revolution
This is the number of quadrature counts
the encoder has
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
S
A/B state width
T/4
mechanical degrees
This is the width of a quadrature state
I
index width
T/4
mechanical degrees
The width of a once per turn index is the
state width for A & B lines
The following parameters are defined by the resolution selected for each
encoder. The encoders resolution is listed as Pulses Per Revolution (PPR), which
is the number of periods (or high pulses) over the encoders revolution.
Note:
For more information regarding PPR, CPR, or LPR (Lines Per Revolution) view https://www.cuidevices.com/blog/what-is-encoder-ppr-cpr-and-lpr
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com