Electronic Components Datasheet Search
  English  ▼

X  

AMT10 Datasheet(PDF) 3 Page - CUI INC

Part # AMT10
Description  MODULAR INCREMENTAL ENCODER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT10 Datasheet(HTML) 3 Page - CUI INC

  AMT10 Datasheet HTML 1Page - CUI INC AMT10 Datasheet HTML 2Page - CUI INC AMT10 Datasheet HTML 3Page - CUI INC AMT10 Datasheet HTML 4Page - CUI INC AMT10 Datasheet HTML 5Page - CUI INC AMT10 Datasheet HTML 6Page - CUI INC AMT10 Datasheet HTML 7Page - CUI INC AMT10 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cuidevices.com
date 08/04/2021
│ page 3 of 8
CUI Devices
│ SERIES: AMT10 │ DESCRIPTION: MODULAR INCREMENTAL ENCODER
PART NUMBER KEY
For customers that prefer a specific AMT10 configuration, please reference the custom configuration key below.
AMT10-V KITS
In order to provide maximum flexibility for our customers, the AMT10 series is provided in kit form standard. This allows the user to implement the encoder
into a range of applications using one sku#, reducing engineering and inventory costs.
(4.76mm)
3mm
4mmm
m
2
m
m
5
3/16 inch
1/4 inch
(6.35mm)
(3.175mm)
6mm
8mm
1/8 inch
Snow
e
u
l
B
y
k
S
t
h
g
i
L
e
g
n
a
r
O
e
l
p
r
u
P
y
a
r
G
w
o
ll
e
Y
d
e
RGreen
Blue
SLEEVES
103
BASE
103
TOP COVER
102
TOOL B
102
TOP COVER
SHAFT
ADAPTER
102
BASE
TOOL A
WIDE BASE
AMT10X-V
Orientation:
2 = Radial
3 = Axial
*See Mechanical Drawings
ORDERING GUIDE
AMT10X - X XXXX - X XXXX - X
Resolution1 (ppr):
0048
0384
0096
0400
0100
0500
0125
0512
0192
0800
0200
1000
0250
1024
0256
2048
Resolution Option:
“blank” = fixed resolution
D = adjustable resolution
Sleeve Bore Diameter:
2000 = 2 mm
3000 = 3 mm
3175 = 3.175 mm (1/8”)
4000 = 4 mm
4760 = 4.76 mm (3/16”)
5000 = 5 mm
6000 = 6 mm
6350 = 6.35 mm (1/4”)
8000 = 8 mm
Base Number
Orientation:
2 = Radial
3 = Axial
*See Mechanical Drawings
Mounting Base:
S = Standard
W = Wide (AMT102 only)
Index Pulse:
I = single index pulse
per revolution
N = 8 index pulses
per revolution
Note:
1. Fixed resolutions are permanently set at this value; adjustable resolutions are preset via DIP switch to this value upon shipment.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com