Electronic Components Datasheet Search
  English  ▼

X  

AXM0F343 Datasheet(PDF) 17 Page - ON Semiconductor

Part # AXM0F343
Description  Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F343 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button AXM0F343 Datasheet HTML 13Page - ON Semiconductor AXM0F343 Datasheet HTML 14Page - ON Semiconductor AXM0F343 Datasheet HTML 15Page - ON Semiconductor AXM0F343 Datasheet HTML 16Page - ON Semiconductor AXM0F343 Datasheet HTML 17Page - ON Semiconductor AXM0F343 Datasheet HTML 18Page - ON Semiconductor AXM0F343 Datasheet HTML 19Page - ON Semiconductor AXM0F343 Datasheet HTML 20Page - ON Semiconductor AXM0F343 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AXM0F343
www.onsemi.com
17
• Toggle Write (b11) – Toggles (inverts) each bit with a ‘1’
in the write data word (XOR operation with the previous
data)
APB peripheral reads ignore the Atomic R/M/W address
bits, reading the target register contents for all address
settings.
MEMORY ORGANIZATION
FLASH Program and Erase Controller
The FLASH may be erased and programmed under
software or debug port control. The registers used for
programming and erasing the FLASH are mapped onto the
APB.
Each page may be independently erased, to allow for new
content to be programmed. The erased value in the FLASH
is all 1s. Programming a word can alter 1s to 0s, but cannot
convert 0s to 1s. Only an erase can convert 0s to 1s.
Programming a
word
in the FLASH requires
2 microseconds. Erasing a page of data requires
10 milliseconds.
It is possible to erase the entire 64 kB or 256 kB of FLASH
memory, returning the part to factory condition. A mass
erase requires 10 milliseconds.
Program and erase operations make read access to the
FLASH memory unavailable until completed. The
processor will stall while waiting for the AHB Ready signal
from the FLASH to return high. If the core needs to keep
running, it needs to be running from code in the SRAM.
FLASH Info Block
An additional page within the FLASH is reserved for the
information block. It is programmed at the factory and
includes trim and traceability. The FLASH info block
should not be erased after the factory programming. Certain
fields in the info block are open for programming of static
values for application configuration. A mass erase of the
main FLASH block will not erase the FLASH info block.
FLASH Lock
A protection lock is available in the FLASH to disable the
debug port and prevent access to the internal buses and
memory for security sensitive applications.
The final word of directly addressable memory in the
FLASH is used as a LOCK word. At power−up, before the
main system reset is released, the LOCK word is checked by
an internal state machine before unlocking the debug port.
As previously mentioned, AXM0F343 is available in two
different memory configurations:
AXM0F343−64
64 kB of FLASH memory is directly addressable and is
used for program code and non−volatile data storage. Under
normal operation, the FLASH block provides single cycle
read access via the AHB. The FLASH is divided into 128
pages of 512 bytes each. Memory reads are contiguous
across page boundaries.
AXM0F343−64 has a total of 8 kB of internal SRAM
divided up into two banks (6 kB and 2 kB). Each of the
SRAM banks can be independently powered−off during the
ultra−low power Hibernate mode. Data contents of
a powered down memory bank are not retained when
re−enabled. The 6 kB and 2 kB SRAM banks are logically
next to each other in the memory map providing one
contiguous 8 kB of SRAM.
AXM0F343−256
256 kB of FLASH memory is directly addressable and is
used for program code and non−volatile data storage. Under
normal operation, the FLASH block provides single cycle
read access via the AHB. The FLASH is divided into 256
pages of 1 kbytes each. Memory reads are contiguous across
page boundaries.
AXM0F343−256 has a total of 32 kB of internal SRAM
divided up into four banks of 8 kB. Each of the SRAM banks
can be independently powered−off during the ultra−low
power Hibernate mode. Data contents of a powered down
memory bank are not retained when re−enabled. The 8 kB
SRAM banks are logically next to each other in the memory
map providing one contiguous 32 kB of SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com