Electronic Components Datasheet Search
  English  ▼

X  

AXM0F343 Datasheet(PDF) 32 Page - ON Semiconductor

Part # AXM0F343
Description  Ultra-Low-Power Narrow-Band Sub-GHz Wireless Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F343 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button AXM0F343 Datasheet HTML 26Page - ON Semiconductor AXM0F343 Datasheet HTML 27Page - ON Semiconductor AXM0F343 Datasheet HTML 28Page - ON Semiconductor AXM0F343 Datasheet HTML 29Page - ON Semiconductor AXM0F343 Datasheet HTML 30Page - ON Semiconductor AXM0F343 Datasheet HTML 31Page - ON Semiconductor AXM0F343 Datasheet HTML 32Page - ON Semiconductor AXM0F343 Datasheet HTML 33Page - ON Semiconductor AXM0F343 Datasheet HTML 34Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
AXM0F343
www.onsemi.com
32
Voltage Regulator
The AXM0F343 transceiver uses its own dedicated
on−chip voltage regulator system to create stable supply
voltages for the internal circuitry from the primary supply
VDD_IN. The I/O level of the digital pins is VDD_IN.
Pins VDD_ANA are supplied for external decoupling of
the power supply used for the on−chip PA.
The voltage regulator system must be set into the
appropriate state before receive or transmit operations can
be initiated. This is handled automatically when
programming
the
device
modes
via
the
AX5043_PWRMODE register.
Register AX5043_POWSTAT contains status bits that
can be read to check if the regulated voltages are ready (bit
SVIO) or if VDD_IN has dropped below the brown−out
level of 1.3 V (bit SSUM).
In power−down mode the core supply voltages for digital
and analog functions are switched off to minimize leakage
power. Most register contents are preserved but access to the
FIFO is not possible and FIFO contents are lost.
In deep−sleep mode all supply voltages are switched off.
All digital and analog functions are disabled. All register
contents are lost.
Typical Application Diagrams and Components
For details on possible radio application diagrams and
choice of components for the matching network at different
operating frequencies, please consult the AX5043 datasheet
at https://www.onsemi.com/pdf/datasheet/ax5043−d.pdf or
visit the Community Forum at https://www.onsemi.com/
forum/.
ORDERING INFORMATION
Device
FLASH Size
RAM Size
Package
OPN
Shipping†
AXM0F343−64
64 kB
8 kB
QFN40
(Pb−Free, Halide Free)
AXM0F343−64-1-TX40
4000 / Tape & Reel
AXM0F343−256
256 kB
32 kB
QFN40
(Pb−Free, Halide Free)
AXM0F343−256-1-TX40
4000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Arm, Cortex, CoreSight and PrimeCell are registered trademarks or trademarks of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com