Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BAV99
Description  Small Signal Switching Diode, Dual in Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV99 Datasheet(HTML) 1 Page - Vishay Siliconix

  BAV99 Datasheet HTML 1Page - Vishay Siliconix BAV99 Datasheet HTML 2Page - Vishay Siliconix BAV99 Datasheet HTML 3Page - Vishay Siliconix BAV99 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV99
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 13-Feb-18
1
Document Number: 85718
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Small Signal Switching Diode, Dual in Series
LINKS TO ADDITIONAL RESOURCES
MECHANICAL DATA
Case: SOT-23
Weight: approx. 8.8 mg
Packaging codes / options:
18/10K per 13
" reel (8 mm tape), 10K/box
08/3K per 7
" reel (8 mm tape), 15K/box
FEATURES
• Fast switching speed
• High conductance
• Surface mount package ideally suited for
automatic insertion
• Connected in series
• AEC-Q101 qualified available
• Base P/N-E3 - RoHS-compliant, commercial grade
• Base P/N-HE3 - RoHS-compliant, AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
18109
12
3
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
CIRCUIT CONFIGURATION
TYPE MARKING
REMARKS
BAV99
BAV99-E3-08 or BAV99-E3-18
Dual serial
JE
Tape and reel
BAV99-HE3-08 or BAV99-HE3-18
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Non repetitive peak reverse voltage
VRM
100
V
Repetitive peak reverse voltage
= working peak reverse voltage
= DC blocking voltage
VRRM = VRWM = VR
70
Peak forward surge current
tp = 1 s
IFSM
1
A
tp = 1 μs
4.5
Average forward current
Half wave rectification with resistive load
and f
≥ 50 MHz, on ceramic substrate
10 mm x 8 mm x 0.7 mm
IF(AV)
150
mA
Forward current
On ceramic substrate
10 mm x 8 mm x 0.7 mm
IF
250
Power dissipation
On ceramic substrate
10 mm x 8 mm x 0.7 mm
Ptot
300
mW
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Junction ambient
On ceramic substrate
10 mm x 8 mm x 0.7 mm
RthJA
430
K/W
Junction and storage temperature range
Tj = Tstg
-55 to +150
°C
Operating temperature range
Top
-55 to +150
°C


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSD2004S VISHAY-GSD2004S Datasheet
63Kb / 4P
Dual In-Series Small-Signal High-Voltage Switching Diode
08-Jul-04
logo
Leshan Radio Company
LSD2004SLT1 LRC-LSD2004SLT1 Datasheet
127Kb / 2P
Dual In-Series Small-Signal Switching Diode
logo
Vishay Siliconix
GSD2004S-V VISHAY-GSD2004S-V_12 Datasheet
77Kb / 4P
Dual In-Series Small-Signal High-Voltage Switching Diode
12-Aug-10
BAV99-G VISHAY-BAV99-G Datasheet
97Kb / 4P
Small Signal Switching Diode, Dual in Series
16-May-13
GSD2004S-G VISHAY-GSD2004S-G Datasheet
85Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
16-May-13
BAV99 VISHAY-BAV99_18 Datasheet
102Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
BAV99G VISHAY-BAV99G Datasheet
105Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
BAV99-G VISHAY-BAV99-G_V01 Datasheet
106Kb / 4P
Small Signal Switching Diode, Dual in Series
13-Feb-18
GSD2004S-G VISHAY-GSD2004S-G_V01 Datasheet
95Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
13-Feb-18
GSD2004S VISHAY-GSD2004S_V01 Datasheet
93Kb / 4P
Dual In-Series Small Signal High Voltage Switching Diode
13-Feb-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com