Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BAV99
Description  Small Signal Switching Diode, Dual in Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAV99 Datasheet(HTML) 2 Page - Vishay Siliconix

  BAV99 Datasheet HTML 1Page - Vishay Siliconix BAV99 Datasheet HTML 2Page - Vishay Siliconix BAV99 Datasheet HTML 3Page - Vishay Siliconix BAV99 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV99
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 13-Feb-18
2
Document Number: 85718
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Current vs. Forward Voltage
Fig. 2 - Peak forward current /FM = f (tp)
LAYOUT FOR RthJA TEST
Thickness:
Fiberglass 1.5 mm (0.059 inches)
Copper leads 0.3 mm (0.012 inches)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 mA
VF
0.715
V
IF = 10 mA
0.855
V
IF = 50 mA
1
V
IF = 150 mA
1.25
V
Reverse current
VR = 70 V
IR
2500
nA
VR = 70 V, Tj = 150 °C
50
μA
VR = 25 V, Tj = 150 °C
30
μA
Diode capacitance
VR = 0, f = 1 MHz
CD
1.5
pF
Reverse recovery time
IF = 10 mA to iR = 1 mA,
VR = 6 V, RL = 100
Ω
trr
6ns
0.01
0.1
1
10
100
1000
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF - Forward Voltage (V)
14356
T
j = 100 °C
25 °C
22290
10
2
10
1
10
-1
10
-2
10
-5
10
-6
10
-3
10
-4
10
-1
10
-2
10
-0
10
0
/
FM
t
s
D = 0.005
0.01
0.02
0.05
0.1
0.2
t
p
t
p
D =
T
T
17451
15 (0.59)
12 (0.47)
0.8 (0.03)
5 (0.2)
7.5 (0.3)
3 (0.12)
1 (0.4)
1 (0.4)
2 (0.8)
2 (0.8)
1.5 (0.06)
5.1 (0.2)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com