Electronic Components Datasheet Search
  English  ▼

X  

ZM-CH-T23-R Datasheet(PDF) 1 Page - C&K Components

Part # ZM-CH-T23-R
Description  Mini Size Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZM-CH-T23-R Datasheet(HTML) 1 Page - C&K Components

  ZM-CH-T23-R Datasheet HTML 1Page - C&K Components ZM-CH-T23-R Datasheet HTML 2Page - C&K Components ZM-CH-T23-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
J
J–15
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
ZM Series
Mini Size Snap-acting Switches
Features/Benefits
• Reliable snap-acting mechanism
• Long electrical and mechanical life
• Compact size—Ideal when space is
limited
• Various PCB terminals and actuators
• RoHS compliant / compatible
Typical Applications
• PCB detection switch
• Communication devices
• Testing equipment
• Security/Alarm systems
• Consumer electronics
• Automotive: door latch, seat
position detection, EV charging
Specifications
CONTACT RATING: F7: 3A @ 125 VAC
M9: 0.2A @ 60 VDC.
ELECTRICAL LIFE: 10,000 Cycles. @ 3A
INSULATION RESISTANCE: 100 M ohm min.
DIELECTRIC STRENGTH: 1000 Vrms.
OPERATING TEMPERATURE: –30ºC to 85ºC.
OPERATING FORCE: CJ: 150 grams, CH: 90 grams.
* Low Level=conditions where no arcing occurs during switching, i.e., 0.4 VA max. @
20 V AC or DC max.
Materials
COVER: Nylon 6/6
ACTUATOR BUTTON: Nylon 6/6
CASE: Nylon 6/6
SPRING: SUS
MOVABLE BLADE: BeCu
MOVABLE CONTACT: Silver alloy (M9 option gold plated)
FIXED CONTACTS: Silver alloy (M9 option gold plated)
FIXED TERMINALS: Brass - Ag plated.
ACTUATOR (Leaf / Roller options): SUS
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. For additional options not shown in
catalog, consult Customer Service Center.
Series
ZM SP, Mom.
Operating Force
CJ 150 grams
CH 90 grams
Electrical Rating
see chart below
Actuator
P0
Pin plunger
L01 Leaf
L32 Leaf
T13 Simulated roller
T23 Simulated roller
Terminations
T PC Thru-hole
L Left-footed, PC Thru-hole
R Right-footed, PC Thru-hole
K PC Thru-hole with retention feature
31 May 21
UL61058-1
Option
Code
F7
3 A 125 V AC
3 A 125 V AC
3 A 30 V DC
3 A 125 V AC
M9
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
UL
1054
UL
61058-1
14
Available in Operating Force-Actuator combination:
CJ-L01
CH-L32


Similar Part No. - ZM-CH-T23-R

ManufacturerPart #DatasheetDescription
logo
Qingxian Zeming Langxi ...
ZM-CT MICRO-TRANSFORMER-ZM-CT Datasheet
137Kb / 2P
Current Transformer
ZM-CTH MICRO-TRANSFORMER-ZM-CTH Datasheet
137Kb / 2P
Current Transformer
More results

Similar Description - ZM-CH-T23-R

ManufacturerPart #DatasheetDescription
logo
C&K Components
ZMW CK-COMPONENTS-ZMW Datasheet
480Kb / 4P
Mini Size Snap-acting Switches
2020
ZMSM CK-COMPONENTS-ZMSM_V01 Datasheet
515Kb / 4P
Mini Size Snap-acting Switches
2021
ZMS CK-COMPONENTS-ZMS_V01 Datasheet
292Kb / 4P
Mini Size Snap-acting Switches
2021
ZMT CK-COMPONENTS-ZMT Datasheet
499Kb / 5P
Mini Size Sealed Snap-acting Switches
2022
ZMV CK-COMPONENTS-ZMV Datasheet
1Mb / 6P
Mini Size Snap-acting Switches
2021
MDSSNAP CK-COMPONENTS-MDSSNAP Datasheet
907Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
MM CK-COMPONENTS-MM Datasheet
527Kb / 3P
Mini Size Precision Snap-acting Switches
24 Mar 21
LCA CK-COMPONENTS-LCA_V01 Datasheet
445Kb / 4P
Small Size Snap-acting Switches
12 Jul 21
MDS CK-COMPONENTS-MDS_V02 Datasheet
913Kb / 7P
Mini Size Snap-acting Switches
27 Sep 19
ZMA CK-COMPONENTS-ZMA_V02 Datasheet
442Kb / 4P
Mini Size Snap-acting Switches
31 May 21
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com