Electronic Components Datasheet Search
  English  ▼

X  

ZM-CH-T23-R Datasheet(PDF) 2 Page - C&K Components

Part # ZM-CH-T23-R
Description  Mini Size Snap-acting Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ZM-CH-T23-R Datasheet(HTML) 2 Page - C&K Components

  ZM-CH-T23-R Datasheet HTML 1Page - C&K Components ZM-CH-T23-R Datasheet HTML 2Page - C&K Components ZM-CH-T23-R Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZM Series
Mini Size Snap-acting Switches
SERIES
OPERATING FORCE
ELECTRICAL RATING
.260
(6,6)
.024
(0,6)
FREE POS.
OPER. POS.
C
NO
NC
.081
(2,05)
ø .079
(ø2,05)
0.044
(1,12)
PC MOUNTING
ZM  MINI SIZE SNAP-ACTING SWITCHES – SP MOMENTARY
ZMCJF7L0T
SPDT
CONTACT MATERIAL
OPTION
CODE
MOVABLE CONTACT
STATIONARY CONTACT
ELECTRICAL RATING
F7
see chart
Silver alloy
M9
Gold plating or silver alloy
see chart
RoHS
COMPLIANT*
RoHS
COMPATIBLE*
Yes
Yes
Yes
Yes
All models
with all options.
Consult Customer Service center for availability and delivery of nonstandard ratings.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
J
J–16
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
31 May 21
MOUNTING SCREWS SIZE 1-64
Option
Code
F7
3 A 125 V AC
3 A 125 V AC
3 A 30 V DC
3 A 125 V AC
M9
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
0.1 A 48 V DC
0.2 A 60 V DC
0.1 A 125 V AC
UL
1054
UL
61058-1
14
3.15
90
CH
5.29
150
CJ
BASIC SWITCH
OPERATING FORCE
(OZ./GRAMS)
OPTION CODE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com