Electronic Components Datasheet Search
  English  ▼

X  

BZX384 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZX384
Description  Small Signal Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZX384 Datasheet HTML 1Page - Vishay Siliconix BZX384 Datasheet HTML 2Page - Vishay Siliconix BZX384 Datasheet HTML 3Page - Vishay Siliconix BZX384 Datasheet HTML 4Page - Vishay Siliconix BZX384 Datasheet HTML 5Page - Vishay Siliconix BZX384 Datasheet HTML 6Page - Vishay Siliconix BZX384 Datasheet HTML 7Page - Vishay Siliconix BZX384 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BZX384-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 20-Feb-18
2
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LAEKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM. MAX.
MAX.
TYP.
TYP.
MIN.
MAX.
BZX384C2V4
W1
2.2
2.4
2.6
5
1
50
1
70 (
 100)
275
-9
-4
BZX384C2V7
W2
2.5
2.7
2.9
5
1
20
1
75 (
 100) 300 ( 600)
-9
-4
BZX384C3V0
W3
2.8
3.0
3.2
5
1
10
1
80 (
 95)
325 (
 600)
-9
-3
BZX384C3V3
W4
3.1
3.3
3.5
5
1
5
1
85 (
 95)
350 (
 600)
-8
-3
BZX384C3V6
W5
3.4
3.6
3.8
5
1
5
1
85 (
 90)
375 (
 600)
-8
-3
BZX384C3V9
W6
3.7
3.9
4.1
5
1
3
1
85 (
 90)
400 (
 600)
-7
-3
BZX384C4V3
W7
4
4.3
4.6
5
1
3
1
80 (
 90)
410 (
 600)
-6
-1
BZX384C4V7
W8
4.4
4.7
5
5
1
3
2
50 (
 80)
425 (
 500)
-5
2
BZX384C5V1
W9
4.8
5.1
5.4
5
1
2
2
40 (
 60)
400 (
 480)
-3
4
BZX384C5V6
WA
5.2
5.6
6
5
1
1
2
15 (
 40)
80 (
 400)
-2
6
BZX384C6V2
WB
5.8
6.2
6.6
5
1
3
4
6 (
 10)
40 (
 150)
-1
7
BZX384C6V8
WC
6.4
6.8
7.2
5
1
2
4
6 (
 15)
30 (
 80)
2
7
BZX384C7V5
WD
7
7.5
7.9
5
1
1
5
6 (
 15)
30 (
 80)
3
7
BZX384C8V2
WE
7.7
8.2
8.7
5
1
0.7
5
6 (
 15)
40 (
 80)
4
7
BZX384C9V1
WF
8.5
9.1
9.6
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX384C10
WG
9.4
10
10.6
5
1
0.2
7
8 (
 20)
50 (
 150)
5
8
BZX384C11
WH
10.4
11
11.6
5
1
0.1
8
10 (
 20)
50 (
 150)
5
9
BZX384C12
WI
11.4
12
12.7
5
1
0.1
8
10 (
 25)
50 (
 150)
6
9
BZX384C13
WK
12.4
13
14.1
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX384C15
WL
13.8
15
15.6
5
1
0.05
0.7 VZnom.
10 (
 30)
50 (
 200)
7
9
BZX384C16
WM
15.3
16
17.1
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX384C18
WN
16.8
18
19.1
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
9.5
BZX384C20
WO
18.8
20
21.2
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX384C22
WP
20.8
22
23.3
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX384C24
WR
22.8
24
25.6
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX384C27
WS
25.1
27
28.9
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX384C30
WT
28
30
32
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX384C33
WU
31
33
35
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX384C36
WW
34
36
38
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
8
10
BZX384C39
WX
37
39
41
2
0.5
0.05
0.7 VZnom.
40 (
 130)
80 (
 350)
10
12
BZX384C43
WY
40
43
46
2
0.5
0.05
0.7 VZnom.
45 (
 150)
85 (
 375)
10
12
BZX384C47
WZ
44
47
50
2
0.5
0.05
0.7 VZnom.
50 (
 170)
85 (
 375)
10
12
BZX384C51
X1
48
51
54
2
0.5
0.05
0.7 VZnom.
60 (
 180)
85 (
 400)
8
10
BZX384C56
X2
52
56
60
2
0.5
0.05
0.7 VZnom.
70 (
 200) 100 ( 425)
10
12
BZX384C62
X3
58
62
66
2
0.5
0.05
0.7 VZnom.
80 (
 215) 100 ( 450)
10
12
BZX384C68
X4
64
68
72
2
0.5
0.05
0.7 VZnom.
90 (
 240) 150 ( 475)
10
12
BZX384C75
X5
70
75
79
2
0.5
0.05
0.7 VZnom.
95 (
 255) 170 ( 500)
10
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com