Electronic Components Datasheet Search
  English  ▼

X  

BZX384 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZX384
Description  Small Signal Zener Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX384 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZX384 Datasheet HTML 1Page - Vishay Siliconix BZX384 Datasheet HTML 2Page - Vishay Siliconix BZX384 Datasheet HTML 3Page - Vishay Siliconix BZX384 Datasheet HTML 4Page - Vishay Siliconix BZX384 Datasheet HTML 5Page - Vishay Siliconix BZX384 Datasheet HTML 6Page - Vishay Siliconix BZX384 Datasheet HTML 7Page - Vishay Siliconix BZX384 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BZX384-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 20-Feb-18
3
Document Number: 85764
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
IZT2
IR at VR
ZZ at IZT1
ZZK at IZT2
VZ at IZT1
V
mA
μA
V
10-4/°C
MIN.
NOM.
MAX.
MAX.
TYP.
TYP.
MIN.
MAX.
BZX384B2V4
W1
2.35
2.4
2.45
5
1
50
1
70 (
 100)
275
-9
-4
BZX384B2V7
W2
2.65
2.7
2.75
5
1
20
1
75 (
 100) 300 ( 600)
-9
-3
BZX384B3V0
W3
2.94
3.0
3.06
5
1
10
1
80 (
 95)
325 (
 600)
-8
-3
BZX384B3V3
W4
3.23
3.3
3.37
5
1
5
1
85 (
 95)
350 (
 600)
-8
-3
BZX384B3V6
W5
3.53
3.6
3.67
5
1
5
1
85 (
 90)
375 (
 600)
-7
-3
BZX384B3V9
W6
3.82
3.9
3.98
5
1
3
1
85 (
 90)
400 (
 600)
-6
-1
BZX384B4V3
W7
4.21
4.3
4.39
5
1
3
1
80 (
 90)
410 (
 600)
-5
2
BZX384B4V7
W8
4.61
4.7
4.79
5
1
3
2
50 (
 80)
425 (
 500)
-3
4
BZX384B5V1
W9
5
5.1
5.2
5
1
2
2
40 (
 60)
400 (
 480)
-2
6
BZX384B5V6
WA
5.49
5.6
5.71
5
1
1
2
15 (
 40)
80 (
 400)
-1
7
BZX384B6V2
WB
6.08
6.2
6.32
5
1
3
4
6 (
 10)
40 (
 150)
2
7
BZX384B6V8
WC
6.66
6.8
6.94
5
1
2
4
6 (
 15)
30 (
 80)
3
7
BZX384B7V5
WD
7.35
7.5
7.65
5
1
1
5
6 (
 15)
30 (
 80)
4
7
BZX384B8V2
WE
8.04
8.2
8.36
5
1
0.7
5
6 (
 15)
40 (
 80)
5
8
BZX384B9V1
WF
8.92
9.1
9.28
5
1
0.5
6
6 (
 15)
40 (
 100)
5
8
BZX384B10
WG
9.8
10
10.2
5
1
0.2
7
8 (
 20)
50 (
 150)
5
9
BZX384B11
WH
10.8
11
11.2
5
1
0.1
8
10 (
 20)
50 (
 150)
6
9
BZX384B12
WI
11.8
12
12.2
5
1
0.1
8
10 (
 25)
50 (
 150)
7
9
BZX384B13
WK
12.7
13
13.3
5
1
0.1
8
10 (
 30)
50 (
 170)
7
9
BZX384B15
WL
14.7
15
15.3
5
1
0.05
0.7 VZnom.
10 (
 30)
50 (
 200)
8
9.5
BZX384B16
WM
15.7
16
16.3
5
1
0.05
0.7 VZnom.
10 (
 40)
50 (
 200)
8
9.5
BZX384B18
WN
17.6
18
18.4
5
1
0.05
0.7 VZnom.
10 (
 45)
50 (
 225)
8
10
BZX384B20
WO
19.6
20
20.4
5
1
0.05
0.7 VZnom.
15 (
 55)
60 (
 225)
8
10
BZX384B22
WP
21.6
22
22.4
5
1
0.05
0.7 VZnom.
20 (
 55)
60 (
 250)
8
10
BZX384B24
WR
23.5
24
24.5
5
1
0.05
0.7 VZnom.
25 (
 70)
60 (
 250)
8
10
BZX384B27
WS
26.5
27
27.5
2
0.5
0.05
0.7 VZnom.
25 (
 80)
65 (
 300)
8
10
BZX384B30
WT
29.4
30
30.6
2
0.5
0.05
0.7 VZnom.
30 (
 80)
70 (
 300)
8
10
BZX384B33
WU
32.3
33
33.7
2
0.5
0.05
0.7 VZnom.
35 (
 80)
75 (
 325)
8
10
BZX384B36
WW
35.3
36
36.7
2
0.5
0.05
0.7 VZnom.
35 (
 90)
80 (
 350)
10
12
BZX384B39
WX
38.2
39
39.8
2
0.5
0.05
0.7 VZnom. 40 ( 130)
80 (
 350)
10
12
BZX384B43
WY
42.1
43
43.9
2
0.5
0.05
0.7 VZnom. 45 ( 150)
85 (
 375)
10
12
BZX384B47
WZ
46.1
47
47.9
2
0.5
0.05
0.7 VZnom. 50 ( 170)
85 (
 375)
10
12
BZX384B51
X1
50
51
52
2
0.5
0.05
0.7 VZnom. 60 ( 180)
85 (
 400)
10
12
BZX384B56
X2
54.9
56
57.1
2
0.5
0.05
0.7 VZnom. 70 ( 200)
100 (
 425)
10
12
BZX384B62
X3
60.8
62
63.2
2
0.5
0.05
0.7 VZnom. 80 ( 215)
100 (
 450)
10
12
BZX384B68
X4
66.6
68
69.4
2
0.5
0.05
0.7 VZnom. 90 ( 240)
150 (
 475)
10
12
BZX384B75
X5
73.5
75
76.5
2
0.5
0.05
0.7 VZnom. 95 ( 255)
170 (
 500)
10
12



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com