Electronic Components Datasheet Search
  English  ▼

X  

GSOT03 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # GSOT03
Description  Single-Line ESD Protection in SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button GSOT03 Datasheet HTML 2Page - Vishay Siliconix GSOT03 Datasheet HTML 3Page - Vishay Siliconix GSOT03 Datasheet HTML 4Page - Vishay Siliconix GSOT03 Datasheet HTML 5Page - Vishay Siliconix GSOT03 Datasheet HTML 6Page - Vishay Siliconix GSOT03 Datasheet HTML 7Page - Vishay Siliconix GSOT03 Datasheet HTML 8Page - Vishay Siliconix GSOT03 Datasheet HTML 9Page - Vishay Siliconix GSOT03 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
GSOT03 to GSOT36
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 17-Apr-2019
8
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Typical Clamping Voltage vs. Peak Pulse Current
Fig. 8 - Typical Peak Clamping Voltage vs. Peak Pulse Current
Fig. 9 - Typical Peak Clamping Voltage vs. Peak Pulse Current
Fig. 10 - Typical Capacitance vs. Reverse Voltage
0
20
40
60
80
100
120
0
20406080
100
I
TLP (A)
Transmission line pulse (TLP):
GSOT36
GSOT24
100
1000
10000
10
0
5
10
15
20
25
30
020
40
60
I
PP (A)
Measured according IEC 61000-4-5
(8/20 µs - wave form)
GSOT12
GSOT15
GSOT08
GSOT04
GSOT05
GSOT03
Axis Title
100
1000
10000
10
0
5
10
15
20
25
30
35
40
45
50
55
60
65
02468
10
I
PP (A)
Measured according IEC 61000-4-5
(8/20 µs - wave form)
GSOT36
GSOT24
Axis Title
10
100
1000
10000
10
100
1000
0.01
0.1
1
10
100
Axis Title
V
R (V)
f = 1 MHz
GSOT12
GSOT15
GSOT08
GSOT04
GSOT05
GSOT03
GSOT24
GSOT36



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com