Electronic Components Datasheet Search
  English  ▼

X  

GSOT03 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # GSOT03
Description  Single-Line ESD Protection in SOT-23
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSOT03 Datasheet(HTML) 3 Page - Vishay Siliconix

  GSOT03 Datasheet HTML 1Page - Vishay Siliconix GSOT03 Datasheet HTML 2Page - Vishay Siliconix GSOT03 Datasheet HTML 3Page - Vishay Siliconix GSOT03 Datasheet HTML 4Page - Vishay Siliconix GSOT03 Datasheet HTML 5Page - Vishay Siliconix GSOT03 Datasheet HTML 6Page - Vishay Siliconix GSOT03 Datasheet HTML 7Page - Vishay Siliconix GSOT03 Datasheet HTML 8Page - Vishay Siliconix GSOT03 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GSOT03 to GSOT36
www.vishay.com
Vishay Semiconductors
Rev. 2.8, 17-Apr-2019
3
Document Number: 85807
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS GSOT12
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
12
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
312
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GSOT15
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
8A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
230
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GSOT24
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
5A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
235
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-55 to +150
°C
ABSOLUTE MAXIMUM RATINGS GSOT36
PARAMETER
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
IPPM
3.5
A
Peak pulse power
Pin 3 to 1
acc. IEC 61000-4-5, tp = 8/20 μs; single shot
PPP
248
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 30
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 30
kV
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com