Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC154
Description  Dual 1-of-16 Decoder / Demultiplexer in bare die form
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC154 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC154 Datasheet HTML 1Page - Silicon Supplies 74HC154 Datasheet HTML 2Page - Silicon Supplies 74HC154 Datasheet HTML 3Page - Silicon Supplies 74HC154 Datasheet HTML 4Page - Silicon Supplies 74HC154 Datasheet HTML 5Page - Silicon Supplies 74HC154 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Page 1 of 6
www.siliconsupplies.com
Die Size (Unsawn)
2400 x 1650
95 x 65
µm
mils
Minimum Bond Pad Size
120 x 120
4.72 x 4.72
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
High Speed CMOS Logic – 74HC154
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Output Drive Capability: 10 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
Function compatible with 74LS154.
Rev 1.0
30/05/22
Features:
Ordering Information
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54HC154
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Ceramic Package – On request
The 74HC154 is fabricated using a 2.5µm 5V CMOS
process and has the same high speed performance of
LSTTL combined with CMOS low power consumption. The
device consists of x4 active-high binary address inputs, x16
active-low outputs & x2 active-low chip-selects. The x2
active-low chip-selects can be used to strobe & eliminate
normal decoding ‘glitches’ on the outputs, or can be used to
expand the decoder. Both chip-selects must be low to
enable the outputs. The demultiplexing function is executed
by use of one chip-select input as multiplexed data input.
When the other chip-select input is low, the addressed
output will follow the state of the applied data.
Description
Die Dimensions in µm (mils)
2400 (95)


Similar Part No. - 74HC154

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
4-to-16 line decoder/demultiplexer
September 1993
74HC154 PHILIPS-74HC154 Datasheet
144Kb / 22P
4-to-16 line decoder/demultiplexer
2004 Oct 12
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HC154 NEXPERIA-74HC154 Datasheet
294Kb / 17P
4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Similar Description - 74HC154

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54-74LS155 MOTOROLA-SN54-74LS155 Datasheet
78Kb / 4P
DUAL 1-OF-4 DECODER/ DEMULTIPLEXER
logo
NXP Semiconductors
74ALS139 PHILIPS-74ALS139 Datasheet
97Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1991 Feb 08
74F139 PHILIPS-74F139 Datasheet
75Kb / 8P
Dual 1-of-4 decoder/demultiplexer
1990 Feb 23
74F154 PHILIPS-74F154 Datasheet
84Kb / 8P
1-of-16 decoder/demultiplexer
1990 Jan 08
HEF4555B PHILIPS-HEF4555B Datasheet
36Kb / 4P
Dual 1-of-4 decoder/demultiplexer
January 1995
logo
System Logic Semiconduc...
SL74HC154 SLS-SL74HC154 Datasheet
98Kb / 7P
1- of-16 Decoder/Demultiplexer
logo
National Semiconductor ...
74156 NSC-74156 Datasheet
56Kb / 2P
DUAL 1-OF-4 DECODER/DEMULTIPLEXER
logo
Integral Corp.
IN74HC154 INTEGRAL-IN74HC154 Datasheet
126Kb / 6P
1-OF-16 DECODER/DEMULTIPLEXER
logo
ON Semiconductor
74AC139 ONSEMI-74AC139 Datasheet
351Kb / 12P
Dual 1-of-4 Decoder / Demultiplexer
January, 2017 ??Rev. 2
logo
Silicon Supplies
54HC154 SS-54HC154 Datasheet
1Mb / 6P
Dual 1-of-16 Decoder / Demultiplexer in bare die form
Rev 1.0 30/05/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com