Electronic Components Datasheet Search
  English  ▼

X  

74HC154 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 74HC154
Description  Dual 1-of-16 Decoder / Demultiplexer in bare die form
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC154 Datasheet(HTML) 2 Page - Silicon Supplies

  74HC154 Datasheet HTML 1Page - Silicon Supplies 74HC154 Datasheet HTML 2Page - Silicon Supplies 74HC154 Datasheet HTML 3Page - Silicon Supplies 74HC154 Datasheet HTML 4Page - Silicon Supplies 74HC154 Datasheet HTML 5Page - Silicon Supplies 74HC154 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
d
High Speed CMOS Logic – 74HC154
Rev 1.0
30/05/22
Pad Layout and Functions
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
Y0
0.140
0.522
2
Y1
0.140
0.377
3
Y2
0.140
0.142
4
Y3
0.645
0.132
5
Y4
0.833
0.132
6
Y5
1.021
0.132
7
Y6
1.210
0.132
8
Y7
1.490
0.132
9
Y8
2.138
0.142
10
Y9
2.138
0.342
11
Y10
2.138
0.537
12
GND
2.138
0.724
13
Y11
2.138
0.992
14
Y12
2.138
1.187
15
Y13
2.138
1.387
16
Y14
1.397
1.490
17
Y15
1.210
1.397
18
CS1
1.005
1.397
19
CS2
0.795
1.397
20
A3
0.590
1.397
21
A2
0.140
1.387
22
A1
0.140
1.179
23
A0
0.140
0.971
24
VCC
0.140
0.707
CONNECT CHIP BACK TO VCC OR FLOAT
Truth Table
2400µm (94.49 mils)
0,0
19
20
21
16
17
18
22
23
24
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DIE ID
Logic Diagram
SEE PAGE 5
Pad 24 = VCC
Pad 12 = GND
Page 2 of 6
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com