Electronic Components Datasheet Search
  English  ▼

X  

RDC19220 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # RDC19220
Description  16-BIT MONOLITHIC TRACKING RESOLVER (LVDT)-TO-DIGITAL CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDC19220 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button RDC19220 Datasheet HTML 15Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 16Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 17Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 18Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 19Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 20Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 21Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 22Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
Data Device Corporation
www.ddc-web.com
RDC-19220 SERIES
R-12/05-0
ORDERING INFORMATION
RDC-1922X-XXXX
(Ceramic Package)
Supplemental Process Requirements:
T = Tape and Reel (Not available in 40-pin DDIP package)
S = Pre-Cap Source Inspection
L = 100% Pull Test
Q = Pre-Cap Source and 100% Pull Test
K = One Lot Date Code
W = One Lot Date Code and Pre-Cap Source Inspection
Y = One Lot Date Code and 100% Pull Test
Z = One Lot Date Code, Pre-Cap Source Inspection and 100% Pull Test
Blank = None of the Above
Accuracy:
2= 4 minutes + 1 LSB
3 = 2 minutes + 1 LSB
Process Requirements:
0 = Standard DDC Processing, without Burn-In
1 = MIL-PRF-38534 Compliant
2 = Standard DDC Processing, with Burn-In
3 = MIL-PRF-38534 Compliant, with PIND testing
4 = MIL-PRF-38534 Compliant, with Solder Dip (Not available in lead free.)(Note 4)
5 = MIL-PRF-38534 Compliant, with PIND testing, and Solder Dip (Not available in lead free.)(Note 4)
6 = Standard DDC Processing, with PIND testing, and Burn-In
7 = Standard DDC Processing, with Solder Dip, and Burn-In (Not available in lead free.)(Note 4)
9 = Standard DDC Processing, with Solder Dip, without Burn-In (Not available in lead free.)(Note 4)
Temperature Grade / Data Requirements:
1 = -55 to +125°C
4 = -55 to +125°C, with Variables Test Data
Package: (Lead Free) (Note 3)
0 = 40-Pin DDIP, (“+5 volt only” power supply feature - not available)
2 = 44-Pin J-Lead
External Component Selection Software (refer to General Setup
Conditions section) can be downloaded from DDC’s web site:
www.ddc-web.com.
TABLE 1
1015 (note 1), 1030 (note 2)
BURN-IN
Notes:
1. For Process Requirement "B*" (refer to ordering information), devices may be non-compliant with
MIL- STD-883, Test Method 1015, Paragraph 3.2. Contact factory for details.
2. When applicable.
3. Consult factory for lead-time of lead free product.
4. Solder dip options contain tin-lead solder finish as applicable to solder dip requirements.
3000g
2001
CONSTANT ACCELERATION
C
1010
TEMPERATURE CYCLE
A and C
1014
SEAL
—
2009, 2010, 2017, and 2032
INSPECTION
CONDITION(S)
METHOD(S)
MIL-STD-883
TEST
STANDARD DDC PROCESSING
FOR HYBRID AND MONOLITHIC HERMETIC PRODUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com