Electronic Components Datasheet Search
  English  ▼

X  

RDC19220 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RDC19220
Description  16-BIT MONOLITHIC TRACKING RESOLVER (LVDT)-TO-DIGITAL CONVERTERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RDC19220 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RDC19220 Datasheet HTML 5Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 6Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 7Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 8Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 9Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 10Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 11Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 12Page - List of Unclassifed Manufacturers RDC19220 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
9
Data Device Corporation
www.ddc-web.com
RDC-19220 SERIES
R-12/05-0
1
5
6
10
INPUT
OUTPUT
BOTTOM VIEW
0.32 MAX
(8.13)
0.61 MAX
(15.49)
0.15 MAX
(3.81)
0.09 MAX
(2.29)
0.100 (2.54) TYP
TOL NON CUM
13
25
10 9876
TERMINALS
0.025 ±0.001 (6.35 ±0.03) DIAM
0.125 (3.18) MIN LENGTH
SOLDER-PLATED BRASS
T1A
SIDE VIEW
Dimensions are shown in inches (mm).
0.105 (2.66)
0.600
(15.24)
0.81 MAX
(20.57)
0.125 MIN
(3.17)
FIGURE 5C. TRANSFORMER LAYOUT AND
SCHEMATIC (REFERENCE INPUT - B-426)
B-426
1
5
6
10
RL
RH
RL
RH
S1
S3
S4
S2
1
3
6
10
11
15
20
16
EXTERNAL
REFERENCE
LO
HI
-S
SIN
-R
+R
-VSUM
VEL
-VCO
DIGITAL
OUTPUT
16
CB
BIT
INH
EM
EL
AB
+5V -5V
+S
+C
-C
COS
AGND
GND
RDC-19220
TIB
TIA
TIA
TIB
S1
S3
S2
RESOLUTION
CONTROL
52036(11.8V)
52037(26V)
OR
52038(90V)
OR
52034(11.8V)
52035(90V)
OR
1
3
10
6
16
11
15
20
5
OR
SYNCHRO INPUT
+S
+C
AGND
GND
Rs
Rc
RB
CBW
CBW/10
RV
30K
Ω
30K
Ω
FIGURE 6. TYPICAL TRANSFORMER CONNECTIONS
1.14 MAX
(28.96)
CASE IS BLACK AND
NON-CONDUCTIVE
1.14 MAX
(28.96)
•
*
S1
•
*
S3
•
(+15 V)
+15 V
•
(-R)
+S
+
*
*
(RH)
•
S2
(RL)
+
*
(V)
•
V
(+R)
•
+C
(-Vs)
•
-Vs
52039
or
24133
0.21 ±0.3
(5.33 ±0.76)
0.85 ±0.010
(21.59 ±0.25)
0.175 ±0.010 (4.45 ±0.25)
NONCUMULATIVE
TOLERANCE
0.040 ±0.002 DIA. PIN.
SOLDER PLATED BRASS
0.42
(10.67)
MAX.
0.25
(6.35)
MIN.
(BOTTOM VIEW)
0.13 ±0.03
(3.30 ±0.76)
RH
RL
+15 V
V
(Analog
Gnd)
-Vs
(-15 V)
Output
+R (RH)
-R (RL)
24133
Input
S1
+15 V
V
(Analog
Gnd)
-Vs
(-15 V)
Output
+S
+C
52039
Input
S2
S3
The mechanical outline is the same for the synchro input transformer (52039) and
the reference input transformer (24133), except for the pins. Pins for the reference
transformer are shown in parenthesis ( ) below. An asterisk * indicates that the
pin is omitted.
FIGURE 5D. 60 HZ SYNCHRO AND REFERENCE
TRANSFORMER DIAGRAMS
(SYNCHRO INPUT - 52039 / REFERENCE INPUT - 24133)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com