Electronic Components Datasheet Search
  English  ▼

X  

TC7320FG Datasheet(PDF) 2 Page - Supertex, Inc

Part # TC7320FG
Description  Six Pair N- and P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC7320FG Datasheet(HTML) 2 Page - Supertex, Inc

  TC7320FG Datasheet HTML 1Page - Supertex, Inc TC7320FG Datasheet HTML 2Page - Supertex, Inc TC7320FG Datasheet HTML 3Page - Supertex, Inc TC7320FG Datasheet HTML 4Page - Supertex, Inc TC7320FG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TC7320
A080405
2
N-Channel Electrical Characteristics (at T
A=25°C unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Conditions
BVDSS
Drain-to-Source
Breakdown Voltage
200
V
VGS=0V, ID=1mA
VGS(th)
Gate Threshold Voltage
0.4
V
VGS=VDS, ID=1mA
∆V
GS(th)
Change in VGS(th) with Temperature
-4.5
mV/°C
VGS=VDS, ID=1mA
RGS
Gate-Source Shunt Resistor
0.9
8.0
K
Ω
IGS=100µA
∆R
GS
Change in RGS with Temperature
TBD
%/°C
IGS=100µA
VzGS
Gate-Source Zener Voltage
10
18
V
IGS=2.0mA
∆Vz
GS
Change in VzGS with Temperature
TBD
mV/°C
IGS=2.0mA
10
µA
VGS=0V, VDS=Max Rating
IDSS
Zero Gate Voltage Drain Current
1.0
mA
VGS=0V, VDS=0.8 Max
Rating, TA=125°C
ID(ON)
On-State Drain Current
1.0
A
VGS=10V, VDS=25V
RDS(ON)
Static Drain-to-Source
ON-State Resistance
20
Ω
VGS=10V, ID=150mA
∆R
DS(ON)
Change in RDS(ON) with Temperature
1.0
%/°C
VGS=10V, ID=150mA
GFS
Forward Transconductance
150
mmho
VDS=25V, ID=200mA
CISS
Input Capacitance
150
COSS
Common Source Output Capacitance
75
CRSS
Reverse Transfer Capacitance
25
pF
VGS=0V, VDS=25V
f=1MHz
td(ON)
Turn-ON Delay Time
12
tr
Rise Time
15
td(OFF)
Turn-Off Delay Time
25
tf
Fall Time
40
ns
VDD=25V,
ID=500mA
RGEN=25 Ω
VSD
Diode Forward Voltage Drop
1.8
V
VGS=0V, ISD=0.5A
trr
Reverse Recovery Time
300
ns
VGS=0V, ISD=0.5A
Notes:
1) All DC parameters 100% tested at 25°C unless otherwise stated. (Pulsed test: 300µs pulse at 2% duty cycle.)
2) All AC parameters sample tested.
N-Channel Switching Waveforms and Test Circuit
RGEN
Input
Pulse
Generator
VDD
RL
D.U.T
OUTP UT
10V
0V
0V
V
DD
t
d(OFF)
Input
Output
t
r
t
f
t
d(ON)
t
(ON)
t
(OFF)
10%
90%
90%
10%
90%
10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com