Electronic Components Datasheet Search
  English  ▼

X  

TC7320FG Datasheet(PDF) 5 Page - Supertex, Inc

Part # TC7320FG
Description  Six Pair N- and P-Channel Enhancement-Mode MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TC7320FG Datasheet(HTML) 5 Page - Supertex, Inc

  TC7320FG Datasheet HTML 1Page - Supertex, Inc TC7320FG Datasheet HTML 2Page - Supertex, Inc TC7320FG Datasheet HTML 3Page - Supertex, Inc TC7320FG Datasheet HTML 4Page - Supertex, Inc TC7320FG Datasheet HTML 5Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
TC7320
A080405
5
Typical I-V Characteristics
N-Channel
P-Channel
Doc# DSFP-TC7320
A080405
GP1
GN1
GP2
GN2
GP3
GN3
VPP1
VNN1
DP1
DN1
VPP2
VNN2
DP2
DN2
DP3
DN3
VNN3
VPP3
GP4
GN4
DP4
DN4
VNN1
VPP1
GP5
GN5
DP5
DN5
VNN2
VPP2
GP6
GN6
DP6
DN6
VNN3
VPP3
VSUB
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0
-10
-20
VDS (Volts)
VGS = 5.0V
VGS = 10V
-5.0
-15
-25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VDS (Volts)
0
10
20
VGS = 5.0V
VGS = 10V
5.0
15
25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com