Electronic Components Datasheet Search
  English  ▼

X  

1162613 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1162613
Description  Marshalling panel - PTRV 4 /SENSOR 4POL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1162613 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1162613 Datasheet HTML 1Page - PHOENIX CONTACT 1162613 Datasheet HTML 2Page - PHOENIX CONTACT 1162613 Datasheet HTML 3Page - PHOENIX CONTACT 1162613 Datasheet HTML 4Page - PHOENIX CONTACT 1162613 Datasheet HTML 5Page - PHOENIX CONTACT 1162613 Datasheet HTML 6Page - PHOENIX CONTACT 1162613 Datasheet HTML 7Page - PHOENIX CONTACT 1162613 Datasheet HTML 8Page - PHOENIX CONTACT 1162613 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Technical Data
Product properties
Product type
Marshalling terminal
Number of positions
2
Number of connections
16
Number of rows
4
Potentials
4
Insulation characteristics
Overvoltage category
III
Electrical properties
Rated surge voltage
6 kV
Maximum power dissipation for nominal condition
0.56 W
Connection data
Number of connections per level
4
Nominal cross section
1.5 mm²
1st, 2nd, 3rd and 4th level
Stripping length
8 mm ... 10 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Cross section AWG
26 ... 14
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section, flexible [AWG]
26 ... 14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.14 mm² ... 1.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.14 mm² ... 1.5 mm²
Nominal current
10 A
Maximum load current
10 A (with 1.5 mm² conductor cross section)
Nominal voltage
250 V
Nominal cross section
1.5 mm²
1st, 2nd, 3rd and 4th level Connection cross sections directly pluggable
Conductor cross section solid
0.34 mm² ... 2.5 mm²
Conductor cross section, solid [AWG]
20 ... 14
Flexible conductor cross section flexible (ferrule, w/o plastic
sleeve)
0.34 mm² ... 1.5 mm²
Flexible conductor cross section (ferrule with plastic sleeve)
0.34 mm² ... 1.5 mm²
Dimensions
Width
8.3 mm
Height NS 35/15
63 mm
Height NS 35/7,5
55.5 mm
Marshalling panel - PTRV 4 /SENSOR 4POL
1162613
https://www.phoenixcontact.com/us/products/1162613
Jun 24, 2022, 6:51 AM
Page 3 (31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com