Electronic Components Datasheet Search
  English  ▼

X  

1162613 Datasheet(PDF) 20 Page - PHOENIX CONTACT

Part # 1162613
Description  Marshalling panel - PTRV 4 /SENSOR 4POL
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1162613 Datasheet(HTML) 20 Page - PHOENIX CONTACT

Back Button 1162613 Datasheet HTML 16Page - PHOENIX CONTACT 1162613 Datasheet HTML 17Page - PHOENIX CONTACT 1162613 Datasheet HTML 18Page - PHOENIX CONTACT 1162613 Datasheet HTML 19Page - PHOENIX CONTACT 1162613 Datasheet HTML 20Page - PHOENIX CONTACT 1162613 Datasheet HTML 21Page - PHOENIX CONTACT 1162613 Datasheet HTML 22Page - PHOENIX CONTACT 1162613 Datasheet HTML 23Page - PHOENIX CONTACT 1162613 Datasheet HTML 24Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
End cover
End cover - D-PTRV 4 WH D-A LGS - 3270239
https://www.phoenixcontact.com/us/products/3270239
End cover, length: 63.6 mm, width: 2.2 mm, height: 48.9 mm, color: white
DIN rail perforated
DIN rail perforated - NS 35/ 7,5 PERF 2000MM - 0801733
https://www.phoenixcontact.com/us/products/0801733
DIN rail perforated, acc. to EN 60715, material: Steel, galvanized, passivated
with a thick layer, Standard profile, color: silver, Pack of 25 (50 m)
Marshalling panel - PTRV 4 /SENSOR 4POL
1162613
https://www.phoenixcontact.com/us/products/1162613
Jun 24, 2022, 6:51 AM
Page 20 (31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com