| Electronic Components Datasheet Search |
|
AS5043TR Datasheet(PDF) 18 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5043TR Datasheet(HTML) 18 Page - ams AG |
|
18 / 26 page ![]() AS5043 Programmable 360° Magnetic Angle Encoder Revision 1.4, 04-Apr-06 www.austriamicrosystems.com Page 18 of 26 The maximum non-linearity error on this example is better than ±1 degree (inner circle) over a misalignment radius of ~0.7mm. For volume production, the placement tolerance of the IC within the package ( ±0.235mm) must also be taken into account. The total nonlinearity error over process tolerances, temperature and a misalignment circle radius of 0.25mm is specified better than ±1.4 degrees. The magnet used for these measurement was a cylindrical NdFeB (Bomatec® BMN-35H) magnet with 6mm diameter and 2.5mm in height. Figure 23: Example of linearity error over 360° 18.3 Transition Noise Transition noise is defined as the jitter in the transition between two steps. Due to the nature of the measurement principle (Hall sensors + Preamplifier + ADC), there is always a certain degree of noise involved. This transition noise voltage results in an angular transition noise at the outputs. It is specified as 0.12 degrees rms (1 sigma)*1 in fast mode (pin MODE = high) and 0.06 degrees rms (1 sigma)*1 in slow mode (pin MODE = low or open). These values are the repeatability of an indicated angle at a given mechanical position. The transition noise has different implications on the type of output that is used: absolute output; SSI interface: The transition noise of the absolute output can be reduced by the user by applying an averaging of readings. An averaging of 4 readings will reduce the transition noise by 6dB or 50%. analog output: Ideally, the analog output should have a jitter that is less than one digit. In 360° mode, both fast or slow mode may be selected for adequate low jitter. In 180°, 90° or 45° mode, where the step sizes are smaller, slow mode should be selected to reduce the output jitter. *1 : statistically, 1 sigma represents 68.27% of readings, 3 sigma represents 99.73% of readings. 18.4 High Speed Operation 18.4.1 Sampling rate The AS5043 samples the angular value at a rate of 10.42k samples per second (ksps) in fast mode and 2.61ksps in slow mode. Consequently, a new reading is performed each 96µs. (fast mode) or 384µs (slow mode). At a stationary position of the magnet, this sampling rate creates no additional error. Absolute Mode: With the given sampling rates, the number of samples (n) per turn for a magnet rotating at high speed can be calculated by s rpm n µ 96 60 ⋅ = for fast mode s rpm n µ 384 60 ⋅ = for slow mode linearity error with centered magnet -0.5 -0.4 -0.3 -0.2 -0.1 0 0.1 0.2 0.3 0.4 0.5 1 55 109 163 217 271 325 379 433 487 541 595 649 703 757 811 865 919 973 transition noise Errmax Errmin |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |