Electronic Components Datasheet Search
  English  ▼

X  

AS5043TR Datasheet(PDF) 19 Page - ams AG

Part # AS5043TR
Description  PROGRAMMABLE 360째 MAGNETIC ANGLE ENCODER WITH ABSOLUTE SSI AND ANALOG OUTPUTS
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5043TR Datasheet(HTML) 19 Page - ams AG

Back Button AS5043TR Datasheet HTML 15Page - ams AG AS5043TR Datasheet HTML 16Page - ams AG AS5043TR Datasheet HTML 17Page - ams AG AS5043TR Datasheet HTML 18Page - ams AG AS5043TR Datasheet HTML 19Page - ams AG AS5043TR Datasheet HTML 20Page - ams AG AS5043TR Datasheet HTML 21Page - ams AG AS5043TR Datasheet HTML 22Page - ams AG AS5043TR Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
AS5043 Programmable 360° Magnetic Angle Encoder
Revision 1.4, 04-Apr-06
www.austriamicrosystems.com
Page 19 of 26
In practice, there is no upper speed limit. The only restriction is
that there will be fewer samples per revolution as the speed
increases.
Regardless of the rotational speed, the absolute angular value is
always sampled at the highest resolution.
Fast Mode
(pin Mode = 1)
Slow Mode
(pin Mode = 0 or open)
610rpm = 1024 samples / turn
610rpm = 256 samples / turn
1220rpm = 512 samples / turn
1220rpm = 128 samples / turn
2441rpm = 256 samples / turn
2441rpm = 64 samples / turn
etc…
etc…
Table 6: Speed performance
18.5 Output delays
The propagation delay is the delay between the time that
the sample is taken until it is available as angular data.
This delay is 96µs in fast mode (pin Mode = high) and
384µs in slow mode (pin Mode = low or open)
The analog output produces no further delay, the output
voltage will be updated as soon as it is available. Using
the SSI interface for data transmission, an additional
delay must be considered, caused by the asynchronous
sampling (0….1/fsample) and the time it takes the external
control unit to read and process the angular data from
the AS5043.
18.5.1 Angular error caused by propagation
delay
A rotating magnet will cause an angular error caused by
the propagation delay.
This error increases linearly with speed:
delay
pr
rpm
e
sampling
.
6
(deg)
∗
∗
=
where
esampling = angular error [°]
rpm = rotating speed [rpm]
prop.delay = propagation delay [seconds]
Note: since the propagation delay is known, it can be
automatically compensated by the control unit processing
the data from the AS5043.
Internal timing tolerance
The AS5043 does not require an external ceramic
resonator or quartz. All internal clock timings for the
AS5043 are generated by an on-chip RC oscillator. This
oscillator is factory trimmed to
±5% accuracy at room
temperature (
±10% over full temperature range). This
tolerance influences the ADC sampling rate:
18.5.2 absolute output; SSI interface:
A new angular value is updated every
96µs +/- 5% (Mode = 1) or
384µs +/- 5% (Mode = 0 or open)
18.6 Temperature
18.6.1 Magnetic temperature coefficient
One of the major benefits of the AS5043 compared to
linear Hall sensors is that it is much less sensitive to
temperature. While linear Hall sensors require a
compensation of the magnet’s temperature coefficients,
the AS5043 automatically compensates for the varying
magnetic field strength over temperature. The magnet’s
temperature drift does not need to be considered, as the
AS5043 operates with magnetic field strengths from
±45…±75mT.
Example:
A NdFeB magnet has a field strength of 75mT @ –40°C and a
temperature coefficient of -0.12% per Kelvin. The temperature
change is from –40° to +125° = 165K.
The magnetic field change is: 165 x -0.12% = -19.8%, which
corresponds to 75mT at –40°C and 60mT at 125°C .
The AS5043 can compensate for this temperature related
field strength change automatically, no user adjustment
is required.
18.6.2 Accuracy over Temperature
The influence of temperature in the absolute accuracy is
very low. While the accuracy is
≤ ±0.5° at room
temperature, it may increase to
≤±0.9° due to increasing
noise at high temperatures.
18.6.3 Timing tolerance over temperature
The internal RC oscillator is factory trimmed to
±5%.
Over temperature, this tolerance may increase to
±10%.
Generally, the timing tolerance has no influence in the
accuracy or resolution of the system, as it is used mainly
for internal clock generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com