Electronic Components Datasheet Search
  English  ▼

X  

RTS Datasheet(PDF) 1 Page - Schurter Inc.

Part # RTS
Description  SMD thermal fuse for high currents
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

RTS Datasheet(HTML) 1 Page - Schurter Inc.

  RTS Datasheet HTML 1Page - Schurter Inc. RTS Datasheet HTML 2Page - Schurter Inc. RTS Datasheet HTML 3Page - Schurter Inc. RTS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Thermofuses
RTS
https://www.schurter.com /PG22
Circuit Protection
SMD thermal fuse for high currents
>210°C
>175°C
With Shunt
See below:
Approvals and Compliances
up to 60VDC · >175°C or >210°C · PCB,SMT
Description
- Patented surface mount thermal fuse to protect against thermal runa-
way of power semiconductors such as: MOSFET's, IC's, IGBT's,
Triac's, SCR's, etc.
- Highest reliability thanks to complete galvanic Separation.
Unique Selling Proposition
- Separates rated voltages up to 60 VDC
- Reflow compatible through mechanical activation procedure
- Galvanic separation happens inside the RTS housing
- Space-saving thanks to integrated shunt
Applications
- Wherever power transistors are used
- Automotive: Cooling fan applications, ABS power steering, PTC hea-
ters, HVAC, Glow plugs, Diesel fuel heaters
- Industrial: Battery Protection, Power supplies, Lighting ballasts, H-
Bridge circuits, Motor drivers
Other versions on request
- Thermal protection with integrated fuse
- Thermal protection with customer specific resistance
- Thermal protection with customer specific tripping temperature
Weblinks
pdf data sheet, html datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, Landing Page, Video
Technical Data
Rated Voltage
up to 60 VDC
Breaking Capacity
up to 400 A
Mounting
PCB,SMT
Tripping temperature
>175°C or >210°C
Material: Housing
Plastics
Material: Terminals
Copper alloy, tin-plated
Unit Weight
0.75 g
Storage Conditions
0 °C to 40 °C, max. 70% r.h.
Product Marking
Variant Code, Lot no.
Activation force
Fa = max. 50 N
Activation distance
Sa = 1.1 +0.3/-0.1 mm
Maximum reflow temperature
260 °C (peak)
Soldering Methods
Reflow
Soldering Profile
Solderability
JESD22-B102E, Method 1
Resistance to Soldering Heat
JEDEC J-STD-020
Moisture Sensitivity Level
MSL 1, J-STD-020
Damp heat, steady state
MIL-STD-202, Method 103
Thermal Shock
MIL-STD-202, Method 107
Operational Life
MIL-STD-202, Method 108 Condition D
Vibration, High Frequency
MIL-STD-202, Method 204 Condition D
Mechanical Shock
MIL-STD-202, Method 213 Condition B
Resistance to Solvents
MIL-STD-202, Method 215
Temperature Cycling
JESD22, Method JA-104 Condition G
Flame Retardance
AEC-Q200-001 + SAG Specification
Board Flex
AEC-Q200-005
Terminal Strength
AEC-Q200-006
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
SCHURTER products are designed for use in industrial environments. They have approvals from independent testing bodies according to national
and international standards. Products with specific characteristics and requirements such as required in the automotive sector according to IATF
16949, medical technology according to ISO 13485 or in the aerospace industry can be offered exclusively with customer-specific, individual agree-
ments by SCHURTER.
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 62368-1
Audio/video, information and communication technology equipment - Part
1: Safety requirements


Similar Part No. - RTS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
RTS MSYSTEM-RTS Datasheet
119Kb / 4P
Plug-in Signal Conditioners M-UNIT
logo
amphenol-sensors
RTS AMPHENOLADVANCEDSENSORS-RTS Datasheet
357Kb / 4P
Ring Terminal Temperature Sensor
01/2024
logo
Recom International Pow...
RTS-0505 RECOM-RTS-0505 Datasheet
115Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RTS-0505 RECOM-RTS-0505 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RTS-0505 RECOM-RTS-0505 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
More results

Similar Description - RTS

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Vishay Siliconix
HCTF VISHAY-HCTF Datasheet
92Kb / 5P
High Current Thermal Fuse
10-Apr-13
HCTFCP VISHAY-HCTFCP Datasheet
93Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
Schurter Inc.
USN1206 SCHURTER-USN1206 Datasheet
368Kb / 3P
Thermal sensitive Fuse, SMD 1206, 32 VDC
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
logo
Schurter Inc.
USN1206 SCHURTER-USN1206_V01 Datasheet
378Kb / 3P
Thermal sensitive Fuse, SMD 1206, 32 VDC
04.01.2022
logo
Vishay Siliconix
HCTF VISHAY-HCTF_V01 Datasheet
90Kb / 5P
High Current Thermal Fuse
10-Apr-13
logo
Bel Fuse Inc.
0ACF BEL-0ACF Datasheet
787Kb / 3P
High Voltage SMD Fuse
Rev. 0ACF Jul2021
logo
UN Semiconducctor INC
14D471KTB UNSEMI-14D471KTB Datasheet
422Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2018
14D511KT UNSEMI-14D511KT Datasheet
512Kb / 2P
Thermal Fuse & MOV (TFMOV)
Revision December 18, 2013
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com