Electronic Components Datasheet Search
  English  ▼

X  

RTS Datasheet(PDF) 2 Page - Schurter Inc.

Part # RTS
Description  SMD thermal fuse for high currents
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

RTS Datasheet(HTML) 2 Page - Schurter Inc.

  RTS Datasheet HTML 1Page - Schurter Inc. RTS Datasheet HTML 2Page - Schurter Inc. RTS Datasheet HTML 3Page - Schurter Inc. RTS Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Thermofuses
RTS
https://www.schurter.com /PG22
Circuit Protection
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
RoHS
SCHURTER AG
Directive RoHS 2011/65/EU, Amendment (EU) 2015/863
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
AEC
Q200
Automotive
SCHURTER AG
AEC-Q200 is a test standard for passive components used in automotive
applications. SCHURTER tests components according to the customer's
agreement and is certified according to IATF 16949.
Dimension [mm]
3.1
6.6
8.8 ±0.1
Reflow soldering pads
2.9
8.7
2.9
2.9
2.1
7.1
2.1
2.9
Without Shunt
With Shunt
Activation status
Deactivated:
Before reflow the activation button
should not be manipulated with a force
greater 5 newton.
Activated:
Activation after reflow is necessary for
the tripping functionality of the RTS.
This activation is done by mechanically
pressing the activation button with max
50 newton.
Activation specification
Fa = max. 50 N
Ø 4
Ø 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com