Electronic Components Datasheet Search
  English  ▼

X  

AM2313 Datasheet(PDF) 3 Page - AiT Semiconductor Inc.

Part # AM2313
Description  MOSFET P-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM2313 Datasheet(HTML) 3 Page - AiT Semiconductor Inc.

  AM2313 Datasheet HTML 1Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 2Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 3Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 4Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 5Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 6Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 7Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM2313
MOSFET
P-CHANNEL ENHANCEMENT MODE
REV1.0
- MAR 2016 RELEASED -
- 3 -
ABSOLUTE MAXIMUM RATINGS
TA=25°C, unless otherwise noted
VDS, Drain-Source Voltage
-18V
VGS, Gate-Source Voltage
±10V
ID, Drain Current-Continuous
-3A
Stress beyond above listed “Absolute Maximum Ratings” may lead permanent damage to the device. These are stress ratings only and
operations of the device at these or any other conditions beyond those indicated in the operational sections of the specifications are not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
TA=25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
Drain to Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250μA
-18
-
-
V
Zero-Gate Voltage Drain Current
IDSS
VDS=-20V, VGS=0V
-
-
-1
μA
Gate Body Leakage Current, Forward
IGSSF
VGS=10V, VDS=0V
-
-
100
nA
Gate Body Leakage Current, Reverse
IGSSR
VGS=-10V, VDS=0V
-
-
-100
nA
On Characteristics
Gate Threshold Voltage
VGS(th)
VGS=VDS, ID=-250μA
-0.4
-
-1.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=-4.5V, ID=-3.0A
-
-
120
mΩ
VGS=-2.5V, ID=-2.0A
-
-
150
mΩ
Drain-Source Diode Characteristics and Maximum Ratings
Drain-Source Diode Forward Voltage
VSD
VGS=0V, IS=-1.25A
-
-
-1.2
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com