Electronic Components Datasheet Search
  English  ▼

X  

AM2313 Datasheet(PDF) 1 Page - AiT Semiconductor Inc.

Part # AM2313
Description  MOSFET P-CHANNEL ENHANCEMENT MODE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM2313 Datasheet(HTML) 1 Page - AiT Semiconductor Inc.

  AM2313 Datasheet HTML 1Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 2Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 3Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 4Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 5Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 6Page - AiT Semiconductor Inc. AM2313 Datasheet HTML 7Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM2313
MOSFET
P-CHANNEL ENHANCEMENT MODE
REV1.0
- MAR 2016 RELEASED -
- 1 -
DESCRIPTION
FEATURES
The AM2313 is available in SOT-23S package.
ORDERING INFORMATION
Package Type
Part Number
SOT-23S
SPQ: 3,000pcs/Reel
E3S
AM2313E3SR
AM2313E3SVR
Note
V: Halogen free Package
R: Tape & Reel
AiT provides all RoHS products
-18V/3A,
RDS(ON) = 120mΩ(MAX) @VGS = -4.5V.
RDS(ON) = 150mΩ(MAX) @VGS = -2.5V.
Super High dense cell design for extremely low
RDS(ON) .
Reliable and Rugged.
Available in SOT-23S Package
APPLICATION
Power Management
Portable Equipment and Battery Powered
Systems.
TYPICAL APPLICATION


Similar Part No. - AM2313

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
P - Channel Logic Level MOSFET
logo
VBsemi Electronics Co.,...
AM2313P-T1-PF VBSEMI-AM2313P-T1-PF Datasheet
980Kb / 7P
P-Channel 60 V (D-S) MOSFET
More results

Similar Description - AM2313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP2305 SYNC-POWER-SPP2305 Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2301A STANSON-ST2301A Datasheet
221Kb / 6P
P Channel Enhancement Mode MOSFET
ST2305A STANSON-ST2305A Datasheet
147Kb / 6P
P Channel Enhancement Mode MOSFET
ST3401 STANSON-ST3401 Datasheet
200Kb / 6P
P Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPP2319 SYNC-POWER-SPP2319 Datasheet
210Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3401B SYNC-POWER-SPP3401B Datasheet
204Kb / 8P
P-Channel Enhancement Mode MOSFET
SPP3407B SYNC-POWER-SPP3407B Datasheet
211Kb / 8P
P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com